Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C515C Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # C515C
Description  8-Bit CMOS Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C515C Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  C515C Datasheet HTML 1Page - Siemens Semiconductor Group C515C Datasheet HTML 2Page - Siemens Semiconductor Group C515C Datasheet HTML 3Page - Siemens Semiconductor Group C515C Datasheet HTML 4Page - Siemens Semiconductor Group C515C Datasheet HTML 5Page - Siemens Semiconductor Group C515C Datasheet HTML 6Page - Siemens Semiconductor Group C515C Datasheet HTML 7Page - Siemens Semiconductor Group C515C Datasheet HTML 8Page - Siemens Semiconductor Group C515C Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
Semiconductor Group
3
1997-07-01
8-Bit CMOS Microcontroller
Advance Information
C515C
• Full upward compatibility with SAB 80C515A
• 64k byte on-chip ROM (external program execution is possible)
• 256 byte on-chip RAM
• 2K byte of on-chip XRAM
• Up to 64K byte external data memory
• Superset of the 8051 architecture with 8 datapointers
• Up to 10 MHz external operating frequency (1
µs instruction cycle time at 6 MHz external clock)
• On-chip emulation support logic (Enhanced Hooks Technology TM)
• Current optimized oscillator circuit and EMI optimized design
• Eight ports : 48+1 digital I/O lines, 8 analog inputs
– Quasi-bidirectional port structure (8051 compatible)
– Port 5 selectable for bidirectional port structure (CMOS voltage levels)
• Full-CAN controller on-chip
– 256 register/data bytes are located in external data memory area
– max.1 MBaud at 8-10 MHz operating frequency
• Three 16-bit timer/counters
– Timer 2 can be used for compare/capture functions
(further features are on next page)
Figure 1
C515C Functional Units
Enhanced Hooks Technology TM is a trademark of Siemens AG
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com