Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2138ASNFP Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R5F2138ASNFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138ASNFP Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F2138ASNFP Datasheet HTML 36Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 37Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 38Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 39Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 40Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 41Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 42Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 43Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
R8C/38T-A Group
4. Electrical Characteristics
R01DS0081EJ0100 Rev.1.00
Page 40 of 60
Dec 09, 2011
Notes:
1. Definition of programming/erasure endurance
The programming and erasure endurance is defined on a per-block basis.
If the programming and erasure endurance is n (n = 100 or 1,000), each block can be erased n times. For example, if 1,024 1-
byte writes are performed to different addresses in block A, a 1 Kbyte block, and then the block is erased, the
programming/erasure endurance still stands at one.
However, the same address must not be programmed more than once per erase operation (overwriting prohibited).
2. Endurance to guarantee all electrical characteristics after program and erase. (1 to Min. value can be guaranteed).
3. In a system that executes multiple programming operations, the actual erasure count can be reduced by writing to sequential
addresses in turn so that as much of the block as possible is used up before performing an erase operation. For example,
when programming groups of 16 bytes, the effective number of rewrites can be minimized by programming up to 128 groups
before erasing them all in one operation. It is also advisable to retain data on the erasure endurance of each block and limit
the number of erase operations to a certain number.
4. If an error occurs during block erase, attempt to execute the clear status register command, then execute the block erase
command at least three times until the erase error does not occur.
5. Customers desiring program/erase failure rate information should contact their Renesas technical support representative.
6. The data hold time includes time that the power supply is off or the clock is not supplied.
7. The data hold time includes 7,000 hours under an environment of ambient temperature 85°C.
Table 4.5
Flash Memory (Program ROM) Characteristics
(Vcc = 2.7 V to 5.5 V, Topr =
20°C to 85°C (N version)/40°C to 85°C (D version),
unless otherwise specified)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
―
Program/erase endurance (1)
1,000 (2)
――
times
―
Byte program time
(Program and erase endurance
 100
times)
――
―
μs
―
Byte program time
(Program and erase endurance
 1,000
times)
――
―
μs
―
Word program time
(Program and erase endurance
 100
times)
Topr = 25°C,
VCC = 5.0 V
―
100
200
μs
―
Word program time
(Program and erase endurance
 100
times)
―
100
400
μs
―
Word program time
(Program and erase endurance
 1,000
times)
―
100
650
μs
―
Block erase time
―
0.3
4
s
td(SR-SUS)
Time delay from suspend request until
suspend
――
5 + CPU clock
× 3 cycles
ms
―
Interval from erase start/restart until
following suspend request
0
――
μs
―
Time from suspend until erase restart
――
30 + CPU clock
× 1 cycle
μs
td(CMDRST
-READY)
Time from when command is forcibly
terminated until reading is enabled
――
30 + CPU clock
× 1 cycle
μs
―
Program, erase voltage
2.7
―
5.5
V
―
Read voltage
1.8
―
5.5
V
―
Program, erase temperature
20 (N ver.)
40 (D ver.)
―
85
°C
―
Data hold time (6)
Ambient temperature
= 55°C (7)
20
――
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com