Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2138ASNFP Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R5F2138ASNFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138ASNFP Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R5F2138ASNFP Datasheet HTML 44Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 45Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 46Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 47Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 48Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 49Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 50Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 51Page - Renesas Technology Corp R5F2138ASNFP Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
R8C/38T-A Group
4. Electrical Characteristics
R01DS0081EJ0100 Rev.1.00
Page 48 of 60
Dec 09, 2011
Table 4.16
DC Characteristics (3) [2.7 V
 Vcc  4.2 V]
(Measurement conditions: Vcc = 1.8 V to 5.5 V, Topr =
20°C to 85°C (N version)/
40°C to 85°C (D version))
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VOH
Output high
voltage
Other than XOUT
Drive capacity is
high
IOH =
5 mA
Vcc
 0.5
―
Vcc
V
Drive capacity is low IOH =
1 mA
Vcc
 0.5
—
Vcc
V
XOUT
IOH =
200 A1.0
—
Vcc
V
VOL
Output low
voltage
Other than XOUT
Drive capacity is
high
IOL = 5 mA
――
0.5
V
Drive capacity is low IOL = 1 mA
—
—
0.5
V
XOUT
IOL = 200
A—
—
0.5
V
VT+-VT-
Hysteresis
INT0 to INT4, KI0 to KI3,
TRJIO_0, TRCCLK_0,
TRCTRG_0, TRCIOA_0,
TRCIOB_0, TRCIOC_0,
TRCIOD_0,
CLK_0, CLK_1,
RXD_0, RXD_1, CTS2,
SCL2, SDA2, CLK2, RXD2,
SCL_0, SDA_0, SSI_0,
SCS_0, SSCK_0, SSO_0
0.1
0.4
―
V
RESET
Vcc = 3.0 V
0.1
0.5
―
V
IIH
Input high current
VI = 3.0 V
――
1.0
μA
IIL
Input low current
VI = 0 V
――
1.0
μA
RPULLUP
Pull-up resistance
VI = 0 V
42
84
168
k
Ω
RfXIN
Feedback
resistance
XIN
―
0.3
―
M
Ω
RfXCIN
Feedback
resistance
XCIN
―
8
―
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
――
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com