Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2136CSNFA Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # R5F2136CSNFA
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSNFA Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button R5F2136CSNFA Datasheet HTML 50Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 51Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 52Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 53Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 54Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 55Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 56Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 57Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
R8C/36T-A Group
4. Electrical Characteristics
R01DS0055EJ0100 Rev.1.00
Page 54 of 58
Dec 09, 2011
Figure 4.7
External Clock Input Timing Diagram
Figure 4.8
Input Timing of TRJIO
Table 4.22
External Clock Input (XOUT, XCIN)
Symbol
Parameter
Standard
Unit
Vcc = 2.2 V, Topr = 25°C
Vcc = 3 V, Topr = 25°C
Vcc = 5 V, Topr = 25°C
Min.
Max.
Min.
Max.
Min.
Max.
tc(XOUT)
XOUT input cycle time
200
―
50
―
50
―
ns
tWH(XOUT)
XOUT input high width
90
―
24
―
24
―
ns
tWL(XOUT)
XOUT input low width
90
―
24
―
24
―
ns
tc(XCIN)
XCIN input cycle time
14
―
14
―
14
―μs
tWH(XCIN)
XCIN input high width
7
―
7
―
7
―μs
tWL(XCIN)
XCIN input low width
7
―
7
―
7
―μs
Table 4.23
Timing Requirements of TRJIO
Symbol
Parameter
Standard
Unit
Vcc = 2.2 V, Topr = 25°C
Vcc = 3 V, Topr = 25°C
Vcc = 5 V, Topr = 25°C
Min.
Max.
Min.
Max.
Min.
Max.
tc(TRJIO)
TRJIO input cycle time
500
―
300
―
100
―
ns
tWH(TRJIO)
TRJIO input high width
200
―
120
―
40
―
ns
tWL(TRJIO)
TRJIO input low width
200
―
120
―
40
―
ns
External
Clock Input
tWH(XOUT),
tWH(XCIN)
tC(XOUT), tC(XCIN)
tWL(XOUT), tWL(XCIN)
TRJIO input
tC(TRJIO)
tWL(TRJIO)
tWH(TRJIO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com