Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2136CSDFA Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R5F2136CSDFA
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSDFA Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R5F2136CSDFA Datasheet HTML 19Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 20Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 21Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 22Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 23Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 24Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 25Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 26Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
R8C/36T-A Group
3. Address Space
R01DS0055EJ0100 Rev.1.00
Page 23 of 58
Dec 09, 2011
X: Undefined
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.8
SFR Information (8) (1)
Address
Symbol
Register Name
After Reset
Remarks
0023Ah
MSTCR2
Module Standby Control Register 2
00h
0023Bh
MSTCR3
Module Standby Control Register 3
00h
0023Ch
MSTCR4
Module Standby Control Register 4
00h
0023Dh
0023Eh
0023Fh
00240h
00241h
00242h
00243h
00244h
00245h
00246h
00247h
00248h
00249h
0024Ah
0024Bh
0024Ch
0024Dh
0024Eh
0024Fh
00250h
00251h
00252h
FST
Flash Memory Status Register
10000X00b
00253h
00254h
FMR0
Flash Memory Control Register 0
00h
00255h
FMR1
Flash Memory Control Register 1
00h
00256h
FMR2
Flash Memory Control Register 2
00h
00257h
00258h
00259h
0025Ah
0025Bh
0025Ch
0025Dh
0025Eh
0025Fh
00260h
AIADR0L
Address Match Interrupt Address 0L Register
XXXXh
00261h
00262h
AIADR0H
Address Match Interrupt Address 0H Register
0000XXXXb
00263h
AIEN0
Address Match Interrupt Enable 0 Register
00h
00264h
AIADR1L
Address Match Interrupt Address 1L Register
XXXXh
00265h
00266h
AIADR1H
Address Match Interrupt Address 1H Register
0000XXXXb
00267h
AIEN1
Address Match Interrupt Enable 1 Register
00h
00268h
00269h
0026Ah
0026Bh
0026Ch
0026Dh
0026Eh
0026Fh
00270h
00271h
00272h
00273h
00274h
00275h
00276h
00277h
00278h
00279h
0027Ah
0027Bh
0027Ch
0027Dh
0027Eh
0027Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com