Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58034U_0708 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58034U_0708
Description  6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58034U_0708 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY58034U_0708 Datasheet HTML 3Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 4Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 5Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 6Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 7Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 8Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 9Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 10Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Precision Edge®
SY58034U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
INPUT AND OUTPUT STAGES
50
Ω
50
Ω
VCC
GND
/IN
VT
IN
Figure 2a. Simplified Differential Input Stage
50
Ω
50
Ω
VCC
GND
Q
/Q
Figure 2b. Simplified CML Output Stage
INPUT INTERFACE APPLICATIONS
VCC
0.01
µF
LVPECL
IN
/IN
SY58034U
VCC
Rpd
Rpd
For 3.3V, Rpd = 100Ω
For 2.5V, Rpd = 50Ω
GND
GND
VT
VREF-AC
Figure 3d. LVPECL
Interface (AC-Coupled)
LVDS
IN
/IN
SY58034U
VCC
GND
VT
NC
VREF-AC
NC
Figure 3e. LVDS Interface
CML
IN
/IN
VT
NC
SY58034U
VCC
VREF-AC
NC
GND
Option: May connect VT to VCC.
Figure 3a. CML
Interface (DC-Coupled)
CML
IN
/IN
SY58034U
VCC
VCC
0.01
µF
GND
VT
VREF-AC
Figure 3b. CML
Interface (AC-Coupled)
LVPECL
IN
/IN
VT
SY58034U
VCC
VCC
0.01
µF
Rpd
For 3.3V, Rpd = 50Ω.
For 3.5V, Rpd = 19Ω.
GND
VREF-AC
NC
Figure 3c. LVPECL
Interface (DC-Coupled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com