Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58034U_0708 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY58034U_0708
Description  6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58034U_0708 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY58034U_0708 Datasheet HTML 3Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 4Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 5Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 6Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 7Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 8Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 9Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 10Page - Micrel Semiconductor SY58034U_0708 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Precision Edge®
SY58034U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
Part Number
Function
Data Sheet Link
SY58035U
4.5GHz, 1:6 LVPECL Fanout Buffer with 2:1
http://www.micrel.com/product-info/products/sy58035u.shtml
MUX Input and Internal Termination
SY58036U
6GHz, 1:6 400mV LVPECL Fanout Buffer with 2:1
http://www.micrel.com/product-info/products/sy58036u.shtml
MUX Input and Internal Termination
MLF® Application Note
www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml
RELATED MICREL PRODUCTS AND SUPPORT DOCUMENTATION
OUTPUT INTERFACE APPLICATIONS
50
Ω
50
Ω
VCC
GND
Q
/Q
100
Ω
16mA
Figure 4. CML DC-Coupled
Termination
50
Ω
50
Ω
VCC
GND
Q
/Q
50
Ω
50
Ω
DC bias point per application
16mA
Figure 5. CML AC-Coupled
Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com