Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF506YML Datasheet(PDF) 29 Page - Micrel Semiconductor

Part # MICRF506YML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506YML Datasheet(HTML) 29 Page - Micrel Semiconductor

Back Button MICRF506YML Datasheet HTML 25Page - Micrel Semiconductor MICRF506YML Datasheet HTML 26Page - Micrel Semiconductor MICRF506YML Datasheet HTML 27Page - Micrel Semiconductor MICRF506YML Datasheet HTML 28Page - Micrel Semiconductor MICRF506YML Datasheet HTML 29Page - Micrel Semiconductor MICRF506YML Datasheet HTML 30Page - Micrel Semiconductor MICRF506YML Datasheet HTML 31Page - Micrel Semiconductor MICRF506YML Datasheet HTML 32Page - Micrel Semiconductor MICRF506YML Datasheet HTML 33Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Micrel
MICRF506BML/YML
July 2006
29
M9999-092904
+1 408-944-0800
To avoid this situation, always make sure max count
is between limits. Suggestion: Count for 8 (or 16)
bits only.
Procedure description:
In the procedure below, UP+DWN pulses are
counted, and only the sign of the FEE is used. The
value of n is 8 or 16.
Assumption:
A transmitter is sending a 1010… pattern at the
correct frequency and bitrate.
The wanted receiver frequency is the mid-point
between the “0” and “1” frequencies.
Input:
Nothing
Output
The best XCO_tune value (giving the lowest IFEEI)
Local variables:
XCO_Present:
(5-bit)
holds
present
value
in
XCO_tune bits
XCO_Step: (4-bit) holds increment/decrement of
XCO_tune bits
SCO_Sign:
(1
bit)
holds
POS
or
NEG
(increment/cerement) increasing LO is done by
reducing the XCO_tune value
XCO TUNE PROCEDURE
INT:
XCO_Present = 0
XCO_Step = 32
XCO_Sign = NEG
Control_Word =
Default RX, clocks match transmitter
LOOP:
XCO_Step = XCO_Step/2
XCO_Sign == POS?
Yes --> XCO_Present- = XCO_Step // increase LO
No --> XCO_Present+ = XCO_Step // decrease LO
XCO_tune bits = CXO_Present
Program RFChip
Delay > n bits
Read FEE
FEE > 0?
Yes --> XCO_Sign = POS
No --> XCO_Sing = NEG // negative or == 0
XCO_Step > 1?
Yes --> Branch to LOOP
No -->
XCO_Sing ==POS?
Yes --> XCO_Present- = 1
Branch to FIN
FIN: RETURN, return-value = XCO_Present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com