Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF506YML Datasheet(PDF) 30 Page - Micrel Semiconductor

Part # MICRF506YML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506YML Datasheet(HTML) 30 Page - Micrel Semiconductor

Back Button MICRF506YML Datasheet HTML 26Page - Micrel Semiconductor MICRF506YML Datasheet HTML 27Page - Micrel Semiconductor MICRF506YML Datasheet HTML 28Page - Micrel Semiconductor MICRF506YML Datasheet HTML 29Page - Micrel Semiconductor MICRF506YML Datasheet HTML 30Page - Micrel Semiconductor MICRF506YML Datasheet HTML 31Page - Micrel Semiconductor MICRF506YML Datasheet HTML 32Page - Micrel Semiconductor MICRF506YML Datasheet HTML 33Page - Micrel Semiconductor MICRF506YML Datasheet HTML 34Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Micrel
MICRF506BML/YML
Typical Application
ANT
RFVDD
CS
SCLK
IO
DATAIXO
DATACLK
LD
RSSI
50ohm line
50ohm line
MLF32
MICRF506
RFGND
1
PTATBIAS
2
RFVDD
3
RFGND
4
ANT
5
RFGND
6
GND
7
NC
8
XTALOUT
24
XTALIN
23
CS
22
SCLK
21
IO
20
DATAlXO
19
DATACLK
18
NC
17
C9
1.5pF
C8
1.5pF
C7
1nF
Y1
TSX 10A, 16MHz
2
4
C4
18pF
C6
15pF
L1
12nH
C2
100nF
C1
10nF
V2P5_3
R3 27k
R5
82k
R6
33k
R1
6k2
C10
1nF
C11
10nF
C12
1nF
C13
1nF
R7
10R
TP1
TP2
R2
0R
C3
nc
R4
nc
C5
47pF
MICRF506 – MLF32
Item
Part
Value
Description
Manufacturer
Part Numner
1
C1
10nF
10nF X7R ±10% 0603 50V
Kyocera
CM105X7R103K50A
2
C2
100nF
100nF X7R ±10% 0603 16V
Kyocera
CM105X7R104K16A
3
C3
NC
4
C4
18pF
18pF COG ±5% 0603 50V
Kyocera
CM105CG180J50A
5
C5
47pF
47pF COG ±5% 0603 50V
Kyocera
CM105CG470J50A
6
C6
15pF
15pF COG ±5% 0603 50V
Kyocera
CM105CG150J50A
7
C7
1nF
Optional
Kyocera
CM105X7R102K50A
8
C8
1.5pF
1.5pF COG ±0.25pF 0603 50V
Kyocera
CM105CG1R5C50A
9
C9
1.5pF
1.5pF COG ±0.25pF 0603 50V
Kyocera
CM105CG1R5C50A
10
C10
1nF
1nF X7R ±10% 0603 50V
Kyocera
CM105X7R102K50A
11
C11
10nF
10nF X7R ±10% 0603 50V
Kyocera
CM105X7R103K50A
12
C12
1nF
1nF X7R ±10% 0603 50V
Kyocera
CM105X7R102K50A
13
C13
1nF
1nF X7R ±10% 0603 50V
Kyocera
CM105X7R102K50A
14
R1
6.2k
6.2k ±1% 0603 50V
Kyocera
CR10-6201F
15
R2
0
Ω
0
Ω ±1% 0603 50V
Kyocera
CJ10-000
16
R3
27k
27k ±1% 0603 50V
Kyocera
CR10-2702F
17
R5
82k
82k ±1% 0603 50V
Kyocera
CR10-8202F
18
R6
33k
Optional
Kyocera
CR10-3302F
19
R7
10
Ω
10R ±1% 0603 50V
Kyocera
CR10-10R0F
20
L1
12nH
12nH ±5% 0603
Coilcraft
0603CS-12NXJB
21
Y1
16MHz
16MHz, 9pF, 10/10ppm
Toyocom
TN4-26011
July 2006
30
M9999-092904
+1 408-944-0800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com