Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5373 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5373
Description  Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5373 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5373 Datasheet HTML 1Page - Micrel Semiconductor MIC5373 Datasheet HTML 2Page - Micrel Semiconductor MIC5373 Datasheet HTML 3Page - Micrel Semiconductor MIC5373 Datasheet HTML 4Page - Micrel Semiconductor MIC5373 Datasheet HTML 5Page - Micrel Semiconductor MIC5373 Datasheet HTML 6Page - Micrel Semiconductor MIC5373 Datasheet HTML 7Page - Micrel Semiconductor MIC5373 Datasheet HTML 8Page - Micrel Semiconductor MIC5373 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MIC5373/83
Triple 200mA µCap
LDO in 2.5 x 2.5 Thin MLF
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2010
M9999-070110
General Description
The MIC5373/83 is a triple output device with three 200mA
LDOs which is ideal for application processor support in
mobile platforms. The MIC5373 provides independent
control active high enables for each of the 200mA LDOs.
The MIC5383 provides active low enables. Both the
MIC5373 and MIC5383 are available in the tiny 2.5mm x
2.5mm Thin MLF
® package.
The MIC5373/83 is designed for high input ripple rejection
(high PSRR) and provides low output noise making it ideal
for powering sensitive RF circuitry such as GPS, WiFi and
Bluetooth applications. The MIC5373/83 also incorporates
a power-on-reset (POR) supervisor with adjustable delay
time set by an external capacitor, and an independent
input pin to monitor any voltage level. Once high the POR
output can be asserted low again by enabling the manual
reset (MR) pin. When the MR pin is restored low the POR
output will re-time the delay set by the external delay
capacitor.
The MIC5373/83 operates with very small ceramic output
capacitors to reduce board space and component cost. It
is available in various fixed output voltages. The
MIC5373/83 has a junction temperature range from -40°C
to 125°C.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 1.7V to 5.5V input supply voltage range
• Output current - 200mA LDO1/2/3
• High output accuracy (±2%)
• Independent enable pins
• POR with user-defined voltage monitoring
- POR voltage input
- Adjustable delay time
- Manual reset pin
• Low dropout voltage – 170mV at 150mA
• High PSRR - 55dB at 1kHz on each LDO
• Stable with tiny ceramic output capacitors
• 2.5mm x 2.5mm Thin MLF® 16-pin package
• Thermal shutdown and current limit protection
Applications
• Mobile phones
• GPS receivers
• Application co-processors
• PDAs and handheld devices
Typical Application
BIAS
INLDO1/ 2
INLDO3
EN1
EN2
EN3
MR
OUT1
OUT2
OUT3
POR
POR_IN
DLY
MIC5373
GND
100k
1µF
1µF
0.1µF
1µF
1µF
1µF
150pF
10k VBIAS
VMONITOR
10k
10k
Typical MIC5373-xxxYMT Circuit
(Active High Enable)
EN1
EN2
EN3
BIAS
INLDO1/ 2
INLDO3
MR
OUT1
OUT2
OUT3
POR
POR_IN
DLY
MIC5383
GND
100k
1µF
1µF
0.1µF
1µF
1µF
1µF
150pF
10k VBIAS
VMONITOR
10k
10k
Typical MIC5383-xxxYMT Circuit
(Active Low Enable)


Similar Part No. - MIC5373

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5370 MICREL-MIC5370 Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5370-1.2/1.0YMT MICREL-MIC5370-1.2/1.0YMT Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5370-1.8/1.2YMT MICREL-MIC5370-1.8/1.2YMT Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5370-2.8/1.2YMT MICREL-MIC5370-2.8/1.2YMT Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5370-2.8/1.5YMT MICREL-MIC5370-2.8/1.5YMT Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
More results

Similar Description - MIC5373

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5302 MICREL-MIC5302_10 Datasheet
354Kb / 8P
150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
MIC5374 MICREL-MIC5374 Datasheet
896Kb / 22P
Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
MIC2215 MICREL-MIC2215_07 Datasheet
838Kb / 11P
Triple High PSRR, Low Noise 關Cap LDO
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215 Datasheet
528Kb / 22P
High PSRR, Low Noise 關Cap Triple LDO
05/14/19
MIC2215 MICROCHIP-MIC2215_V01 Datasheet
1Mb / 22P
High PSRR, Low Noise 關Cap Triple LDO
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com