Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5373 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC5373
Description  Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5373 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC5373 Datasheet HTML 11Page - Micrel Semiconductor MIC5373 Datasheet HTML 12Page - Micrel Semiconductor MIC5373 Datasheet HTML 13Page - Micrel Semiconductor MIC5373 Datasheet HTML 14Page - Micrel Semiconductor MIC5373 Datasheet HTML 15Page - Micrel Semiconductor MIC5373 Datasheet HTML 16Page - Micrel Semiconductor MIC5373 Datasheet HTML 17Page - Micrel Semiconductor MIC5373 Datasheet HTML 18Page - Micrel Semiconductor MIC5373 Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Micrel, Inc.
MIC5373/83
July 2010
16
M9999-070110
Typical Circuit (MIC5373-xxxYMT)
BIAS
INLDO1/ 2
INLDO3
EN1
EN2
EN3
MR
OUT1
OUT2
OUT3
POR
POR_IN
DLY
U1 MIC5373-xxxYMT
GND
R4
100k
C3
1µF
C2
1µF
C1
0.1µF
C7
1µF
C6
1µF
C5
1µF
C10
150pF
R10
10k
VBIAS
VMONITOR
R6
R5
C9
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
C1005X5R1A104K
TDK
(1)
Capacitor, 0.1µF Ceramic, 10V, X5R, Size 0402
1
C2,C3, C5, C6,
C7
C1005X5R1A105K
TDK
Capacitor, 1µF Ceramic, 10V, X5R, Size 0402
5
C9
Optional
1
C10
C1005C0G1H151J
TDK
Capacitor, 150pF Cermaic, 50V, C0G, Size 0402
1
R4
CRCW0402100KFKED
Vishay
(2)
100kΩ, 1%, 0402
1
R5, R6
Optional
Vishay
Optional
2
R10
CRCW040210KFKED
Vishay
10kΩ, 1%, 0402
1
U1
MIC5373-xxxYMT
Micrel, Inc.
(3)
High Performance Active-High Enable Triple LDO
1
Notes:
1. TDK: www.tdk.com
2. Vishay: www.vishay.com
3. Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com