Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5167 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5167
Description  1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5167 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5167 Datasheet HTML 1Page - Micrel Semiconductor MIC5167 Datasheet HTML 2Page - Micrel Semiconductor MIC5167 Datasheet HTML 3Page - Micrel Semiconductor MIC5167 Datasheet HTML 4Page - Micrel Semiconductor MIC5167 Datasheet HTML 5Page - Micrel Semiconductor MIC5167 Datasheet HTML 6Page - Micrel Semiconductor MIC5167 Datasheet HTML 7Page - Micrel Semiconductor MIC5167 Datasheet HTML 8Page - Micrel Semiconductor MIC5167 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Micrel, Inc.
MIC5167
January 2012
5
M9999-012312-B
Electrical Characteristics
(4) (Continued)
SVIN = PVIN = VEN/DLY = 3.3V, VFB = VTT = 0.6V, TA = 25°C, unless noted. Bold values indicate –40°C< TJ < +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Power-Good (PG)
PG Window
Threshold % of VTT from VREF
±10
±15
±20
%
Hysteresis
2.5
%
PG Output Low Voltage
IPG = 5mA (sinking), VFB = 0.4V; VEN = VIN
130
mV
1.0
PG Leakage Current
VPG = 5.5V; VFB = 0.625V
2.0
μA
Thermal Protection
Over-Temperature Shutdown
TJ Rising
160
°C
Over-Temperature Shutdown
Hysteresis
20
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. Devices are ESD sensitive. Handling precautions recommended.
3. The device is not guaranteed to function outside its operating rating.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com