Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5167 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5167
Description  1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5167 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5167 Datasheet HTML 1Page - Micrel Semiconductor MIC5167 Datasheet HTML 2Page - Micrel Semiconductor MIC5167 Datasheet HTML 3Page - Micrel Semiconductor MIC5167 Datasheet HTML 4Page - Micrel Semiconductor MIC5167 Datasheet HTML 5Page - Micrel Semiconductor MIC5167 Datasheet HTML 6Page - Micrel Semiconductor MIC5167 Datasheet HTML 7Page - Micrel Semiconductor MIC5167 Datasheet HTML 8Page - Micrel Semiconductor MIC5167 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MIC5167
1MHz, 6A, Integrated Switch,
High-Efficiency, Synchronous Buck
DDR Memory Terminator
Ramp Control is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC5167 is a high-efficiency, 6A, integrated switch,
synchronous regulator designed for use as a double data
rate (DDR) or quad data rate (QDR) terminator. The
MIC5167 is optimized for highest efficiency, achieving
more than 94% efficiency while still switching at 1MHz
over a broad range. The device works with a small 0.4µH
inductor and 300µF output capacitor. The MIC5167 offers
a
simple,
low-cost,
JEDEC-compliant
solution
for
terminating high-speed, low-voltage, digital buses (i.e.
DDR, DDR2, DDR3, DDR3L, DDR3UL, DDR4, SCSI, GTL,
SSTL, HSTL, LV-TTL, LV-PECL, and LV_ECL) with a
Power-Good (PG) output.
The output voltage is controlled externally by input to the
VDDQ pin. The output voltage is one-half the voltage
applied to the VDDQ pin. The output voltage can be
adjusted down to 0.6V to address low-voltage power
needs. The MIC5167 will source 6A and sink up to 6A.
A window comparator monitors the output voltage and
controls the PG output. If the output voltage is outside
±15% limit of VREF the PG is driven low.
The MIC5167 is available in a 24-pin 4mm x 4mm MLF
®
with a junction operating range from –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage range: 2.6V to 5.5V
• VTT voltage adjustable down to 0.35V
• Output load current up to ±6A
• Power-Good (PG) fault flag
• Efficiency > 94% across a broad load range
• Ultra-fast transient response
• Easy RC compensation
• 100% maximum duty cycle
• Fully-integrated MOSFET switches
• Micropower shutdown
• Thermal-shutdown and current-limit protection
• 24-pin 4mm x 4mm MLF®
• –40°C to +125°C junction temperature range
Applications
• Double data rate (DDR) or quad data rate (QDR)
memory terminator
• High power density point-of-load conversion
• Servers and routers
• DVD recorders / Blu-ray players
• Computing peripherals
• Base stations
• FPGAs, DSP, and low-voltage ASIC power
____________________________________________________________________________________________________________
Typical Application
MIC5167 ±6A Synchronous Buck DDR Terminator
January 2012
M9999-012312-B


Similar Part No. - MIC5167

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5162 MICREL-MIC5162 Datasheet
151Kb / 11P
Dual Regulator Controller For High-Speed Bus Termination
MIC5162 MICREL-MIC5162 Datasheet
1Mb / 24P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
MIC5162BMM MICREL-MIC5162BMM Datasheet
151Kb / 11P
Dual Regulator Controller For High-Speed Bus Termination
MIC5162YMM MICREL-MIC5162YMM Datasheet
151Kb / 11P
Dual Regulator Controller For High-Speed Bus Termination
MIC5162YMM MICREL-MIC5162YMM Datasheet
1Mb / 24P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
More results

Similar Description - MIC5167

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
High Efficiency 1MHz Synchronous Buck Regulator
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22700 MICREL-MIC22700 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_11 Datasheet
1Mb / 29P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_13 Datasheet
1Mb / 29P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com