Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2213 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2213
Description  Sequenced Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2213 Datasheet HTML 2Page - Micrel Semiconductor MIC2213 Datasheet HTML 3Page - Micrel Semiconductor MIC2213 Datasheet HTML 4Page - Micrel Semiconductor MIC2213 Datasheet HTML 5Page - Micrel Semiconductor MIC2213 Datasheet HTML 6Page - Micrel Semiconductor MIC2213 Datasheet HTML 7Page - Micrel Semiconductor MIC2213 Datasheet HTML 8Page - Micrel Semiconductor MIC2213 Datasheet HTML 9Page - Micrel Semiconductor MIC2213 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MIC2213
Micrel, Inc.
M9999-101705
6
October 2005
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
SUPPLY VOLTAGE (V)
Dropout Characteristics
Output 1
150mA
100µA
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
SUPPLY VOLTAGE (V)
Dropout Characteristics
Output 2
300mA
100µA
0
10
20
30
40
50
60
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
Output 1 and 2
with 100µA load
0
10
20
30
40
50
60
0 20 40 60 80 100 120 140
OUTPUT 1 LOAD CURRENT (mA)
Ground Current
vs. Output 1 Current
0
10
20
30
40
50
60
0
50 100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Ground Current
vs. Output 2 Current
10E-9
100E-9
1E-6
10E-6
FREQUENCY (Hz)
Spectal Noise
Density Output 1
COUT= 1µF
C
IN = 1µF
CBYP = 0.01µF
100µA Load
10
100
1k
10k 100k 1M
10
100
1k
10k 100k 1M
10E-9
100E-9
1E-6
10E-6
FREQUENCY (Hz)
Spectral Noise
Density Output 2
100µA Load
COUT = 1µF
C
IN = 1µF
CBYP = 0.01µF
0
20
40
60
80
0.01 0.1
1
10
100 1000
FREQUENCY (kHz)
PSRR Output 2
CBYP = 10nF
CBYP = 100nF
CBYP = 1nF
VIN = VOUT + 1
IOUT = 300mA
COUT = 1µF
0
20
40
60
80
0.01 0.1
1
10
100 1000
FREQUENCY (kHz)
PSRR Output 1
CBYP = 10nF
CBYP = 100nF
CBYP = 1nF
VIN = VOUT + 1
IOUT = 150mA
COUT = 1µF
0
50
100
150
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Dropout Voltage
Output 1
150mA load
0
50
100
150
200
250
300
350
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Dropout Voltage
Output 2
300mA load
0
10
20
30
40
50
60
TEMPERATURE (°C)
Ground Pin Current
Load on both outputs
0µA
100µA
1mA
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com