Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2213 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2213
Description  Sequenced Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2213 Datasheet HTML 3Page - Micrel Semiconductor MIC2213 Datasheet HTML 4Page - Micrel Semiconductor MIC2213 Datasheet HTML 5Page - Micrel Semiconductor MIC2213 Datasheet HTML 6Page - Micrel Semiconductor MIC2213 Datasheet HTML 7Page - Micrel Semiconductor MIC2213 Datasheet HTML 8Page - Micrel Semiconductor MIC2213 Datasheet HTML 9Page - Micrel Semiconductor MIC2213 Datasheet HTML 10Page - Micrel Semiconductor MIC2213 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
October 2005
9
M9999-101705
MIC2213
Micrel, Inc.
Functional Diagram
OUT1
OUT2
POR
DRV
NGND
GND
SW
CBYP
SET
EN
VIN
LDO1
LDO2
Reference
Delay
MIC2213 Fixed Voltage Block Diagram
OUT1
OUT2
POR
DRV
NGND
GND
SW
CBYP
SET
EN
VIN
ADJ2
ADJ1
LDO1
LDO2
Reference
Delay
MIC2213 Adjustable Voltage Block Diagram
Functional Description
The MIC2213 is a high performance, low quiescent current
power management IC consisting of two µCap low dropout
regulators, a power-on reset (POR) circuit and an open-drain
driver. The first regulator is capable of sourcing 150mAat out-
putvoltagesfrom1.25Vto5V.Thesecondregulatoriscapable
of sourcing 300mA of current at output voltages from 1.25V
to 5V. The second regulator has a POR circuit that monitors
its output voltage and indicates when the output voltage is
within 5% of nominal. The POR offers a delay time that is
externally programmable with a single capacitor to ground.
An open-drain driver completes the power management
chipset, offering the capability of driving LEDs for keypad
backlighting in applications such as cellphones.
Enable
The enable input allows for logic control of both output volt-
ages with one enable input. The enable input is active high,
requiring 1.8V for guaranteed operation. The enable input is
CMOS logic and cannot by left floating.
Power-On Reset (POR)
The power-on reset output is an open-drain N-channel de-
vice, requiring a pull-up resistor to either the input voltage
or output voltage for proper voltage levels. The POR output
has a delay time that is programmable with a capacitor from
the SET pin to ground. The delay time can be programmed
to be as long as 1 second.
The SET pin is a current source output that charges a ca-
pacitor that sets the delay time for the power-on reset output.
The current source is a 1µA current source that charges a
capacitor up from 0V. When the capacitor reaches 1.25V, the
output of the POR is allowed to go high.
Open-Drain Driver (DRV)
The drive (DRV) pin is an open-drain output capable of sinking
150mA of current. This output is controlled by a logic level
input, the switch (SW) pin. The switch pin is an active high
input and cannot be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com