Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3232M Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS3232M
Description  ±5ppm, I2C Real-Time Clock with SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232M Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS3232M Datasheet HTML 10Page - Maxim Integrated Products DS3232M Datasheet HTML 11Page - Maxim Integrated Products DS3232M Datasheet HTML 12Page - Maxim Integrated Products DS3232M Datasheet HTML 13Page - Maxim Integrated Products DS3232M Datasheet HTML 14Page - Maxim Integrated Products DS3232M Datasheet HTML 15Page - Maxim Integrated Products DS3232M Datasheet HTML 16Page - Maxim Integrated Products DS3232M Datasheet HTML 17Page - Maxim Integrated Products DS3232M Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
���������������������������������������������������������������� Maxim Integrated Products 14
DS3232M
±5ppm, I2C Real-Time Clock with SRAM
Alarms
The device contains two time-of-day/date alarms.
Alarm 1 can be set by writing to registers 07h–0Ah.
Alarm 2 can be set by writing to registers 0Bh–0Dh.
See Table 2. The alarms can be programmed (by the
alarm enable and INTCN bits in the Control register)
to activate the INT/SQW output on an alarm match
condition. Bit 7 of each of the time-of-day/date alarm
registers are mask bits (Table 2). When all the mask
bits for each alarm are logic 0, an alarm only occurs
when the values in the timekeeping registers match the
corresponding values stored in the time-of-day/date
alarm registers. The alarms can also be programmed
to repeat every second, minute, hour, day, or date.
Table 3 shows the possible settings. Configurations
not listed in the table result in illogical operation. The
DY/DT bits (bit 6 of the alarm day/date registers) con-
trol whether the alarm value stored in bits 0–5 of that
register reflects the day of the week or the date of the
month. If DY/DT is written to logic 0, the alarm is the
result of a match with date of the month. If DY/DT is
written to logic 1, the alarm is the result of a match
with day of the week. When the RTC register values
match alarm register settings, the corresponding alarm
flag A1F or A2F bit is set to logic 1. If the correspond-
ing alarm interrupt enable A1IE or A2IE bit is also set
to logic 1, the alarm condition activates the INT/SQW
signal if the INTCN bit is set to logic 1. The match is
tested on the once-per-second update of the time and
date registers.
Table 3. Alarm Mask Bits
DY/DT
ALARM 1 REGISTER MASK BITS (BIT 7)
ALARM RATE
A1M4
A1M3
A1M2
A1M1
X
1
1
1
1
Alarm once a second
X
1
1
1
0
Alarm when seconds match
X
1
1
0
0
Alarm when minutes and seconds match
X
1
0
0
0
Alarm when hours, minutes, and seconds match
0
0
0
0
0
Alarm when date, hours, minutes, and seconds match
1
0
0
0
0
Alarm when day, hours, minutes, and seconds match
DY/DT
ALARM 2 REGISTER MASK BITS (BIT 7)
ALARM RATE
A2M4
A2M3
A2M2
X
1
1
1
Alarm once per minute (00 seconds of every minute)
X
1
1
0
Alarm when minutes match
X
1
0
0
Alarm when hours and minutes match
0
0
0
0
Alarm when date, hours, and minutes match
1
0
0
0
Alarm when day, hours, and minutes match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com