Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3232M Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS3232M
Description  ±5ppm, I2C Real-Time Clock with SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232M Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS3232M Datasheet HTML 1Page - Maxim Integrated Products DS3232M Datasheet HTML 2Page - Maxim Integrated Products DS3232M Datasheet HTML 3Page - Maxim Integrated Products DS3232M Datasheet HTML 4Page - Maxim Integrated Products DS3232M Datasheet HTML 5Page - Maxim Integrated Products DS3232M Datasheet HTML 6Page - Maxim Integrated Products DS3232M Datasheet HTML 7Page - Maxim Integrated Products DS3232M Datasheet HTML 8Page - Maxim Integrated Products DS3232M Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
DS3232M
±5ppm, I2C Real-Time Clock with SRAM
Note 1: Limits are 100% tested at TA = +25°C and TA = +85°C. Limits over the operating temperature range and relevant supply
voltage range are guaranteed by design and characterization. Typical values are not guaranteed.
Note 2: Includes the temperature conversion current (averaged).
Note 3: Does not include RST leakage if VCC < VPF.
Note 4: The parameter tOSF is the period of time the oscillator must be stopped for the OSF flag to be set.
Note 5: The state of RST does not affect the I2C interface or RTC functions.
Note 6: Interface timing shown is for fast-mode (400kHz) operation. This device is also backward-compatible with standard mode
I2C timing.
Note 7: CB = total capacitance of one bus line in picofarads.
Note 8: Guaranteed by design and not 100% production tested.
AC ELECTRICAL CHARACTERISTICS—POWER SWITCH
(TA = -40NC to +85NC, unless otherwise noted.) (Note 1, Figure 2)
AC ELECTRICAL CHARACTERISTICS—I2C INTERFACE
(VCC or VBAT = +2.3V to +4.5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = +3.3V, VBAT = +3.0V, and
TA = +25NC, unless otherwise noted.) (Notes 1, 6, Figure 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Fall Time, VPFMAX to
VPFMIN
tVCCF
300
F
s
VCC Rise Time, VPFMIN to
VPFMAX
tVCCR
0
F
s
Recovery at Power-Up
tREC
(Note 5)
250
300
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
F
s
Hold Time (Repeated) START
Condition
tHD:STA
0.6
F
s
Low Period of SCL
tLOW
1.3
F
s
High Period of SCL
tHIGH
0.6
F
s
Data Hold Time
tHD:DAT
0
0.9
F
s
Data Set-Up Time
tSU:DAT
100
ns
START Set-Up Time
tSU:STA
0.6
F
s
SDA and SCL Rise Time
tR
(Note 7)
20 +
0.1CB
300
ns
SDA and SCL Fall Time
tF
(Note 7)
20 +
0.1CB
300
ns
STOP Set-Up Time
tSU:STO
0.6
F
s
SDA, SCL Input Capacitance
CBIN
(Note 8)
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com