Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14972 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14972
Description  Dual SuperSpeed USB 3.0 Equalizer/Redriver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14972 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14972 Datasheet HTML 1Page - Maxim Integrated Products MAX14972 Datasheet HTML 2Page - Maxim Integrated Products MAX14972 Datasheet HTML 3Page - Maxim Integrated Products MAX14972 Datasheet HTML 4Page - Maxim Integrated Products MAX14972 Datasheet HTML 5Page - Maxim Integrated Products MAX14972 Datasheet HTML 6Page - Maxim Integrated Products MAX14972 Datasheet HTML 7Page - Maxim Integrated Products MAX14972 Datasheet HTML 8Page - Maxim Integrated Products MAX14972 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MAX14972
Dual SuperSpeed USB 3.0 Equalizer/Redriver
����������������������������������������������������������������� Maxim Integrated Products 1
Typical Operating Circuit
19-5952; Rev 1; 3/12
Ordering Information appears at end of data sheet.
General Description
The MAX14972 dual SuperSpeed USB 3.0 equalizer/
redriver utilizes programmable input equalization and
output deemphasis to reduce deterministic jitter and
restore signal loss caused by circuit-board or signal-
cable losses, and allows optimal placement of key
SuperSpeed USB 3.0 components and longer circuit-
board traces or cables. The device features advanced
power management with receiver detection and explicit
support for USB 3.0 low-frequency periodic signals
(LFPS).
The device is available in a small, 24-pin (4.0mm x
4.0mm) TQFN package with flow-through traces for opti-
mal layout and minimal space requirements. The device
is specified over the 0NC to +70NC commercial operating
temperature range.
Applications
USB Ports
USB Hubs
Notebook Computers
Desktop Computers
Docking Stations
Industrial USB Switching
Benefits and Features
S
Innovative Design Eliminates Need for Costly
External Components
Single +3.3V Supply Operation
S
Advanced Power Management for Maximum
Efficiency
1mW (typ) in Standby State
23mW (typ) in Receiver Detect State
82.5mW (typ) in Dynamic Power-Down State
304mW (typ) in Active State
S
High Level of Integration for Performance
Very Low Latency with 250ps (typ) Propagation
Delay
10dB (typ) Input/Output Return Loss Up to 2.5GHz
Three-Level Programmable Input Equalization
Six-Level Programmable Output Deemphasis
Explicit LFPS Support with Frequency Shaping
SuperSpeed USB 3.0-Compliant Receiver
Detection
Low-Voltage (1.8V) Compatible Controls
Excellent Jitter and Loss Compensation Capability
> 40in of 4mil Microstrip
S
Ideal for Space-Sensitive Applications
On-Chip 50I Input/Output Terminations
24-Pin, 4.0mm x 4.0mm TQFN Packaging
±8kV HBM ESD Protection on All Pins
Pin-to-Pin Compatible with TI SN65LVPE502
and TI SN65LVPE502CP
EVALUATION KIT AVAILABLE
100nF (X7R)
100nF (X7R)
100nF (X7R)
100nF (X7R)
100nF (X7R)
100nF (X7R)
SINGLE DIFFERENTIAL PAIR
SINGLE DIFFERENTIAL PAIR
CONNECTORS
MIDPLANE
MAIN BOARD
REMOTE BOARD
TX+
RX1+
VCC
0.1µF
RX1-
TX2+
TX2-
TX1+
TX1-
RX2+
RX2-
GND
RX+
RX-
TX-
USB 3.0
HOST
100nF (X7R)
100nF (X7R)
RX+
TX+
TX-
RX-
USB 3.0
DEVICE
MAX14972
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX14972

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
MAX14970 MAXIM-MAX14970 Datasheet
599Kb / 13P
Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970 MAXIM-MAX14970 Datasheet
1Mb / 12P
Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970ETP+ MAXIM-MAX14970ETP+ Datasheet
1Mb / 12P
Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970EVKIT MAXIM-MAX14970EVKIT Datasheet
599Kb / 13P
Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
More results

Similar Description - MAX14972

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
Dual-Channel USB 3.0 Redriver, Equalizer
SN65LVPE502A TI1-SN65LVPE502A_17 Datasheet
6Mb / 36P
Dual-Channel USB 3.0 Redriver and Equalizer
logo
A-Data Technology
HV100 A-DATA-HV100 Datasheet
266Kb / 1P
SuperSpeed USB 3.0
logo
Maxim Integrated Produc...
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
logo
NXP Semiconductors
PTN36242L NXP-PTN36242L Datasheet
489Kb / 26P
Dual port SuperSpeed USB 3.0 redriver
Rev. 3 ??24 January 2014
PTN36221A NXP-PTN36221A Datasheet
994Kb / 24P
Single-channel SuperSpeed USB 3.0 redriver
Rev. 2.1-25 August2015
PTN36241B NXP-PTN36241B Datasheet
591Kb / 31P
SuperSpeed USB 3.0 redriver
Rev. 4-22 May2014
PTN36241G NXP-PTN36241G Datasheet
980Kb / 31P
SuperSpeed USB 3.0 redriver
Rev. 1-9 August2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com