Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14972 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14972
Description  Dual SuperSpeed USB 3.0 Equalizer/Redriver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14972 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14972 Datasheet HTML 1Page - Maxim Integrated Products MAX14972 Datasheet HTML 2Page - Maxim Integrated Products MAX14972 Datasheet HTML 3Page - Maxim Integrated Products MAX14972 Datasheet HTML 4Page - Maxim Integrated Products MAX14972 Datasheet HTML 5Page - Maxim Integrated Products MAX14972 Datasheet HTML 6Page - Maxim Integrated Products MAX14972 Datasheet HTML 7Page - Maxim Integrated Products MAX14972 Datasheet HTML 8Page - Maxim Integrated Products MAX14972 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX14972
Dual SuperSpeed USB 3.0 Equalizer/Redriver
(Voltages referenced to GND.)
VCC ..................................................................... -0.3V to +4.0V
All Other Pins (Note 1) ........................... -0.3V to (VCC + 0.3V)
Continuous Current RX_+, RX_-, TX_+, TX_-................. Q30mA
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 27.8mW/NC above +70NC) ............ 2222.2mW
Operating Temperature Range ........................... 0NC to +70NC
Junction Temperature Range ........................ -40NC to +150NC
Storage Temperature Range ......................... -65NC to +150NC
Lead Temperature (soldering, 10s) ...............................+300NC
Soldering Temperature (reflow) .....................................+260NC
TQFN
Junction-to-Ambient Thermal Resistance (
qJA) ......... 36NC/W
Junction-to-Case Thermal Resistance (
qJC) .................3NC/W
ABSOLUTE MAXIMUM RATINGS
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Note 1: All I/O pins are clamped by internal diodes.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 2)
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, CC = 100nF coupling capacitor on each output, RL = 50I and CL = 1pF on each output, TA = 0NC to +70NC,
unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE
Power-Supply Range
VCC
3.0
3.3
3.6
V
Operating Supply Current
ICC
ENRXD = 1, data rate = 5.0Gbps, D10.2
pattern, DE_ = VCC, OS_ = GND
92
125
mA
ENRXD = 1, CM = 0, no output
termination
7
10
Dynamic power-down mode,
ENRXD = 1, CM = 0, with output
termination, no input signal
25
32
Standby Supply Current
ISTBY
ENRXD = 0
500
F
A
Differential Input Impedance
ZRX-DC-DIFF
DC
72
120
I
Differential Output Impedance
ZTX-DC-DIFF
DC
72
120
I
Single-Ended High Input
Impedance
ZRX-SE-HIGH No output termination, CM = 0 (Note 3)
25
50
kI
Common-Mode Input Impedance
ZRX-DC-CM
(Note 3)
18
30
I
Common-Mode Output
Impedance
ZTX-DC-CM
(Note 4)
18
30
I
Common-Mode Input Voltage
VRX-DC-CM
(Note 3)
0
V
Common-Mode Output Voltage
VTX-DC-CM
(Note 3)
2.75
V
Active LFPS Common-Mode Delta
D
VLFPS-CM
Active LFPS squelched and not
squelched
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com