Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1985 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LD1985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985 Datasheet(HTML) 2 Page - Unisonic Technologies

  LD1985_11 Datasheet HTML 1Page - Unisonic Technologies LD1985_11 Datasheet HTML 2Page - Unisonic Technologies LD1985_11 Datasheet HTML 3Page - Unisonic Technologies LD1985_11 Datasheet HTML 4Page - Unisonic Technologies LD1985_11 Datasheet HTML 5Page - Unisonic Technologies LD1985_11 Datasheet HTML 6Page - Unisonic Technologies LD1985_11 Datasheet HTML 7Page - Unisonic Technologies LD1985_11 Datasheet HTML 8Page - Unisonic Technologies LD1985_11 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LD1985
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R102-021,G
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
15:1.5V
18:1.8V
25:2.5V
28:2.8V
2J:2.85V
30:3.0V
31:3.1V
32:3.2V
33:3.3V
35:3.5V
36:3.6V
38:3.8V
40:4.0V
47:4.7V
50:5.0V
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VIN
Input port
2
GND
Ground Pin
3
INHIBIT
Control switches ON/OFF. Inhibit is not internally pulled-up; it cannot be left floating.
Disable the device when connected to GND or to a positive voltage less than 0.18V
4
Bypass
Bypass pin: capacitor to be connected to GND in order to improve the thermal noise
performances.
5
VOUT
Output port



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com