Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1985 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LD1985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985 Datasheet(HTML) 5 Page - Unisonic Technologies

  LD1985_11 Datasheet HTML 1Page - Unisonic Technologies LD1985_11 Datasheet HTML 2Page - Unisonic Technologies LD1985_11 Datasheet HTML 3Page - Unisonic Technologies LD1985_11 Datasheet HTML 4Page - Unisonic Technologies LD1985_11 Datasheet HTML 5Page - Unisonic Technologies LD1985_11 Datasheet HTML 6Page - Unisonic Technologies LD1985_11 Datasheet HTML 7Page - Unisonic Technologies LD1985_11 Datasheet HTML 8Page - Unisonic Technologies LD1985_11 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LD1985
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R102-021,G
ELECTRICAL CHARACTRISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line Regulation
V
△ OUT
VIN = VOUT +1V ~ 7V, IOUT =1mA
30
mV
Dropout Voltage
VD
IOUT =0
1
3
mV
TJ=-20 ~ 125°C, IOUT=0
5
mV
IOUT =1mA
7
10
mV
IOUT =1mA, TJ=-20 ~ 125°C
15
mV
IOUT =10mA
40
60
mV
IOUT =10mA, TJ=-20 ~ 125°C
90
mV
IOUT =50mA
120
150
mV
IOUT =50mA, TJ=-20 ~ 125°C
225
mV
IOUT =150mA
280
350
mV
IOUT =150mA, TJ=-20 ~ 125°C
575
mV
Quiescent Current
IQ
IOUT =0
80
100
µA
TJ=-20 ~ 125°C, IOUT=0
150
µA
IOUT =1mA
100
150
µA
IOUT =1mA, TJ=-20 ~ 125°C
200
µA
IOUT =10mA
200
300
µA
IOUT =10mA, TJ=-20 ~ 125°C
400
µA
IOUT =50mA
600
1050
µA
IOUT =50mA, TJ=-20 ~ 125°C
1200
µA
IOUT =150mA
2000
3000
µA
IOUT =150mA, TJ=-20 ~ 125°C
4000
µA
OFF MODE VINH<0.18V
0
µA
OFF MODE VINH<0.18V
TJ=-20 ~ 125°C
2
µA
Supply Voltage Rejection
SVR
CBYP=0.01μF, Co=10μF, f=1KHz
45
dB
Control Input Logic Low
VIL
TJ=-20 ~ 125°C
0.15
V
Control Input Logic High
VIH
TJ=-20 ~ 125°C
2
V
Control Input Current
IINH
TJ=-20 ~ 125°C, VSHDN=5V
5
15
µA
TJ=-20 ~ 125°C, VSHDN=0V
0
-1
µA
Output Noise Voltage
eN
B=300Hz ~ 50KHz
CBYP=0.01μF, Co=10μF
30
µV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com