Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2318 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2318
Description  600mA ULDO REGULATOR WITH ENABLE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2318 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2318 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA ULDO REGULATOR WITH ENABLE
AP2318
13
Dec. 2010 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Typical Applications
Figure 30. Typical Applications of AP2318 ADJ Version, VOUT=0.8*(R1+R2)/R2
Figure 31. Typical Applications of AP2318 Fixed 1.3V Version, VOUT=1.3V
+
+
AP2318-ADJ
VOUT
VIN
EN
ADJ/
NC
GND
VOUT
VIN
CIN
1
µF
COUT
2.2
µF
R1
R2
+
+
AP2318-1.3
VOUT
VIN
EN
ADJ/
NC
GND
VOUT=1.3V
VIN=3.3V
CIN
1
µF
COUT
2.2
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com