Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2318 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP2318
Description  600mA ULDO REGULATOR WITH ENABLE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2318 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP2318 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2318 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA ULDO REGULATOR WITH ENABLE
AP2318
2
Dec. 2010 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
1
2
3
45
6
7
8
Figure 2. Pin Configuration of AP2318 (Top View)
Pin Configuration
Functional Block Diagram
Figure 3. Functional Block Diagram of AP2318
DN Package
(DFN-3x3-8)
VOUT
VIN
VOUT
EN
NC
GND
ADJ/NC
VIN
M Package
(SOIC-8)
NC
NC
EN
VIN
VIN
ADJ/NC
GND
VOUT
1
2
3
4
8
7
6
5
Thermal
Shutdown
Current
Limit
Error
Amplifier
Bandgap
Reference
Enable
RC
Compensation
OVP
Connect A1 and A2, disconnect B: Fixed Voltage Version
Connect B, disconnect A1 and A2:Adjustable Voltage Version
A2
B
1, 2 (3, 4)
3, 4 (6)
5 (7)
6 (8)
8 (2)
VFB
VIN
VOUT
ADJ/NC
GND
EN
A1
A (B)
A: DFN-3
x3-8
B: SOIC-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com