Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1122DL-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1122DL-XX-AF5-R
Description  LOW NOISE 200mA LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1122DL-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1122DL-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1122DL-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1122DL-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1122DL-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1122DL-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1122DL-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1122DL-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1122DL-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1122DL-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1122D
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-320.E
LOW NOISE 200mA LDO
REGULATOR
DESCRIPTION
The UTC LR1122D is a typical LDO (linear regulator) with the
features of high output voltage accuracy, low supply current, low
ON-resistance, and high ripple rejection.
During operation of the UTC LR1122D, the dropout voltage is
very low and the response of line transient and load transient are
very well.
Internally, there’re many functions of UTC LR1122D which can
be seen in the block figure. There are a voltage reference unit, an
error amplifier, resistor-net for voltage setting, a current limit circuit,
and a chip enable circuit in each UTC LR1122D.
The UTC LR1122D can be used as an ideal of the power supply
for hand-held communication equipment, such as: power source for
portable communication equipment, power source for electrical
appliances, for example, cameras, VCRs and camcorders and power
source for battery-powered equipment.
FEATURES
*Ultra Supply Current:
18µA (Typ.)
*Standby Mode:
0.1µA (Typ.)
*Very Low Dropout Voltage:
0.13V (Typ.)
@IOUT =150mA, VOUT =2.85V
*Ripple Rejection:
75dB (Typ.)
@f=1kHz,VOUT=2.85V
*Temperature-Drift Coefficient
of Output Voltage:
±30ppm/°C (Typ.)
*Well Line Regulation:
0.02%/ V (Typ.)
*Output Voltage Accuracy:
±0.8% (Typ.)
*Internal Fold Back Protection Circuit: 40mA (Typ.) @ short mode
*CIN=COUT=1µF or more (Ceramic capacitors) are recommended to
be used with this IC
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LR1122DL-xx-AF5-R
LR1122DG-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR1122DL-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122DG-12-AB3 UTC-LR1122DG-12-AB3 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122DG-12-AE5 UTC-LR1122DG-12-AE5 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122DG-12-AF5 UTC-LR1122DG-12-AF5 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122DG-15-AB3 UTC-LR1122DG-15-AB3 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
More results

Similar Description - LR1122DL-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
Ultra-Low-Noise 200mA LDO Regulator
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
200mA RF Low Noise LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com