Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR18120G-XX-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR18120G-XX-SH2-R
Description  2A LOW DROPOUT REGULATOR WITH ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR18120G-XX-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR18120G-XX-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 5Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 6Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 7Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LR18120
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-305.C
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOP-8
HSOP-8
12:1.2V
15:1.5V
18:1.8V
25:2.5V
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
POK
This pin will Indicate high under this situation: VO reaches 92% of its rating voltage.
Open-drain output.
2
VEN
The enable control Input pin. As while as this pin’s voltage falls below 0.4V ,the
LR18120 will stop working. When there’s nothing connected with this pin,the device
will be enabled.
3
VIN
The pin of input voltage.
Placing large capacitance closely to this pin is necessary. There should be
connected a 10µF ceramic capacitor.
4
VPP
This pin is for input voltage to control circuit.
5
NC
Connected nothing.
6
VOUT
The voltage output pin.
7
ADJ
When this pin connected to the ground,VOUT will be set by the internal feedback
resistors. Otherwise, if using external feedback resistors to decide the VOUT, VOUT =
0.8(R1+R2)/R2 Volts.
8
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com