Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR18120G-XX-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR18120G-XX-SH2-R
Description  2A LOW DROPOUT REGULATOR WITH ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR18120G-XX-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR18120G-XX-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 5Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 6Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 7Page - Unisonic Technologies LR18120G-XX-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LR18120
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-305.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VPP, VIN
7
V
Power Dissipation
PD
Internally limited
Junction Temperature
TJ
150
°C
Ambient Operation Temperature
TOPR
-40~ +85
°C
Storage Temperature
TSTG
-65~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
VIN Voltage
VIN
1.4 ~5.5
V
VPP Voltage
VPP
4.5~5.5
V
Ambient Operation Temperature
TOPR
-40°C ≤TOPR ≤ +85°C
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
150
°C/W
Junction to Ambient
HSOP-8
θJA
143
°C/W
SOP-8
20
°C/W
Junction to Case
HSOP-8
θJC
14
°C/W
ELECTRICAL CHARACTERISTICS
VPP=5V, VIN =3.3V, VEN=VPP, IOUT =10mA, CIN=10µF, COUT =10µF, TA=TJ=25°C unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VIN
Input Voltage Range
VIN
1.4
5.5
V
Quiescent Current (Ground Current)
IQ
VOUT=2.5V
1
2
mA
VPP
VPP Voltage Range
VPP
4.5
5.5
V
IPPH
VOUT =2.5V
0.23
0.5
mA
VPP Current
IPPL
VEN=0V
36
60
μA
VOUT
Output Voltage (Internal Fixed Voltage)
VOUT
VIN= VOUT +0.5V, VOUT =2.5V
2.45
2.5
2.55
V
Line Regulation
OUT
IN
OUT
V
×
ΔV
ΔV
VIN=( VOUT +0.5V) ~ 5V
0.2
1
%
Load Regulation
ΔVOUT
10mA≤IOUT≤2A
0.2
1
%
Dropout Voltage
VD
IOUT=2A
250
320
mV
Short Circuit Current
1.4
A
VOUT Pull Low Resistance
VEN=0V
90
Ω
ADJ
Reference Voltage
VREF
VADJ= VOUT
0.788
0.8
0.812
V
Adjust Pin Current
IADJ
20
100
nA
Adjust Pin Threshold
0.15
0.2
0.25
V
VEN
VEN Pin Voltage High
VH(EN)
1.6
V
VEN Pin Voltage Low
VL(EN)
0.4
V
VEN Pin Bias Current
IBIAS(EN)
VEN=0V
12
40
μA
POK
VOUT Power OK Voltage
VTHPOK
92
%
Hysteresis
VHYPOK
7
%
Over Temperature Protection
Over Temperature
TOT
150
°C
Over Temperature Hysteresis
TOTHY
30
°C
Note: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com