Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT1015L-X-AC3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMBT1015L-X-AC3-R
Description  LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT1015L-X-AC3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MMBT1015L-X-AC3-R Datasheet HTML 1Page - Unisonic Technologies MMBT1015L-X-AC3-R Datasheet HTML 2Page - Unisonic Technologies MMBT1015L-X-AC3-R Datasheet HTML 3Page - Unisonic Technologies MMBT1015L-X-AC3-R Datasheet HTML 4Page - Unisonic Technologies MMBT1015L-X-AC3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBT1015
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R206-015,G
ABSOLUTE MAXIMUM RATING ( T
A=25℃, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Dissipation
SOT-23
PC
250
mW
SOT-523/SOT-113/SOT-323
200
SOT-723
190
Collector Current
IC
-150
mA
Base Current
IB
-50
mA
Junction Temperature
TJ
125
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC = -100μA, IE = 0
-50
V
Collector-Emitter Breakdown Voltage
BVCEO
IC = -10mA, IB = 0
-50
V
Emitter-Base Breakdown Voltage
BVEBO
IE = -10μA, IC = 0
-5
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC = -100mA, IB = -10mA
-0.1
-0.3
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC = -100mA, IB = -10mA
-1.1
V
Collector Cut-off Current
ICBO
VCB = -50V, IE = 0
-100
nA
Emitter Cut-off Current
IEBO
VEB = -5V, IC = 0
-100
nA
DC Current Gain
hFE1
VCE = -6V, IC = -2mA
120
700
hFE2
VCE = -6V, IC = -150mA
25
Transition Frequency
fT
VCE = -10V, IC = -1mA
80
MHz
Output Capacitance
COB
VCB = -10V, IE = 0, f = 1MHz
4.0
7.0
pF
Noise Figure
NF
IC = -0.1mA, VCE = -6V
RG= 1kΩ, f = 100Hz
0.5
6
dB
CLASSIFICATION OF hFE1
RANK
Y
GR
BL
RANGE
120-240
200-400
350-700



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com