Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT1015L-X-AC3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MMBT1015L-X-AC3-R
Description  LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT1015L-X-AC3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MMBT1015L-X-AC3-R Datasheet HTML 1Page - Unisonic Technologies MMBT1015L-X-AC3-R Datasheet HTML 2Page - Unisonic Technologies MMBT1015L-X-AC3-R Datasheet HTML 3Page - Unisonic Technologies MMBT1015L-X-AC3-R Datasheet HTML 4Page - Unisonic Technologies MMBT1015L-X-AC3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBT1015
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R206-015,G
TYPICAL CHARACTERISTICS
Static Characteristics
Collector-Emitter Voltage ( V)
-0
-4
-8
-12
-16
-20
0
-10
-20
-30
-40
-50
IB =-50 A
IB =-100 A
IB =-150 A
IB =-200 A
IB =-250 A
IB =-300 A
DC Current Gain
Collector Current, Ic (mA)
10
2
10
1
10
0
10
3
-10
3
-10
2
-10
1
-10
0
-10
-1
VCE =-6V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com