Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15N06L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 15N06L-TN3-R
Description  15A, 60V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15N06L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  15N06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
15N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-260.D
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
SWITCHING PARAMETERS
Total Gate Charge
QG
VDD=40V, VGS=5V, ID=15A
18
30
nC
Gate Source Charge
QGS
8
Gate Drain Charge
QGD
9
Turn-ON Delay Time
tD(ON)
VGS=5V, VDD=30V, RG=4.7Ω,
ID=7.5A
15
60
ns
Turn-ON Rise Time
tR
160
200
Turn-OFF Delay Time
tD(OFF)
VGS=10V, VDD=48V, RG=47Ω
ID=15A
52
80
ns
Turn-OFF Fall-Time
tF
100
140
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
ISD=15 A,VGS=0V(Note 1)
1.5
V
Source-Drain Current
ISD
15
A
Source-Drain Current (Pulse)
ISDM
(Note 2)
60
A
Note: 1. Pulse width=300μs, duty cycle=1.5%
Note: 2. Pulse width limited by safe operating area



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com