Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15N06L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 15N06L-TN3-R
Description  15A, 60V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15N06L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  15N06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
15N06
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-260.D
15A, 60V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 15N06 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in PWM
applications.
FEATURES
* RDS(ON)<100mΩ @VGS=5V, ID=7.5A
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
Gate
Source
Drain
TO-220
1
1
TO-220F
TO-252
1
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1234
56
7
8
15N06L-TA3-T
15N06G-TA3-T
TO-220
G D
S
-
-
-
-
-
Tube
15N06L-TF3-T
15N06G-TF3-T
TO-220F
G D
S
-
-
-
-
-
Tube
15N06L-TN3-R
15N06G-TN3-R
TO-252
G D
S
-
-
-
-
- Tape Reel
15N06L-TN3-T
15N06G-TN3-T
TO-252
G D
S
-
-
-
-
-
Tube
15N06L-S08-R
15N06G-S08-R
SOP-8
S
S
S G D D D
D Tape Reel
15N06L-S08-T
15N06G-S08-T
SOP-8
S
S
S G D D D
D
Tube


Similar Part No. - 15N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N06L-TN3-R UTC-15N06L-TN3-R Datasheet
271Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 15N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT15P06 UTC-UTT15P06 Datasheet
131Kb / 3P
15A, 60V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
60V N-Channel Power MOSFET
logo
Rohm
RD3L150SN ROHM-RD3L150SN Datasheet
2Mb / 16P
Nch 60V 15A Power MOSFET
RD3L150SNFRA ROHM-RD3L150SNFRA Datasheet
2Mb / 15P
Nch 60V 15A Power MOSFET
logo
ACE Technology Co., LTD...
ACE11560LA ACE-ACE11560LA Datasheet
233Kb / 3P
60V N-Channel Power MOSFET
VER 1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com