Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC2G34G-AL6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC2G34G-AL6-R
Description  DUAL BUFFER GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G34G-AL6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC2G34G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G34G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G34G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G34G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G34G-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC2G34
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-430.A
SWITCHING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.65V~1.95V, RL=1KΩ
1.0
3.8
8.6
ns
VCC=2.3V~2.7V, RL=500Ω
CL=30pF
0.5
2.4
4.4
ns
VCC=2.7V, RL=500Ω
0.5
2.5
5.0
ns
VCC=3.0V~3.6V, RL=500Ω
0.5
2.2
4.1
ns
Propagation delay from input
(nA) to output(nY)
tPLH / tPHL
VCC=4.5V~5.5V, RL=500Ω
CL=50pF
0.5
1.9
3.2
ns
OPERATING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
VCC=3.3V, VIN=GND to VCC
20
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com