Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC2G34G-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G34G-AL6-R
Description  DUAL BUFFER GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G34G-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G34G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G34G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G34G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G34G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G34G-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G34
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-430.A
DUAL BUFFER GATE
DESCRIPTION
The U74LVC2G34 is a dual buffer, it provides the function Y = A.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Operate From 1.65V to 5.5V
* Inputs Accept Voltages to 5.5V
* IOFF Supports Partial-Power-Down Mode
* Low Power Dissipation
* Max tPD of 4.1 ns at 3.3V
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC2G34G-AL6-R
SOT-363
Tape Reel
MARKING


Similar Part No. - U74LVC2G34G-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G34G-AL6-R UTC-U74LVC2G34G-AL6-R Datasheet
169Kb / 5P
DUAL BUFFER GATE
More results

Similar Description - U74LVC2G34G-AL6-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
DUAL BUFFER GATE
2004 Sep 10
logo
Texas Instruments
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
DUAL BUFFER GATE
logo
NXP Semiconductors
74HC2G34 NXP-74HC2G34 Datasheet
86Kb / 14P
Dual buffer gate
Rev. 01-6 October 2006
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34_10 Datasheet
146Kb / 17P
Dual buffer gate
Rev. 5-2 September 2010
logo
Texas Instruments
SN74LVC2G34-EP TI1-SN74LVC2G34-EP Datasheet
538Kb / 12P
DUAL BUFFER GATE
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
Dual Buffer Gate
logo
Nexperia B.V. All right...
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
Dual buffer gate
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
Dual buffer gate
Rev. 12 - 20 January 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com