Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL25713 Datasheet(PDF) 16 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL25713
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL25713 Datasheet(HTML) 16 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL25713 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TSL2571
LIGHT-TO-DIGITAL CONVERTER
TAOS117A − FEBRUARY 2011
16
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Persistence Register (0x0C)
The persistence register controls the filtering interrupt capabilities of the device. Configurable filtering is
provided to allow interrupts to be generated after each ADC integration cycle or if the ADC integration has
produced a result that is outside of the values specified by threshold register for some specified amount of time.
ALS interrupts are generated using C0DATA.
Table 7. Persistence Register
6
75
4
APERS
2
31
0
PERS
Reserved
Address
0x0C
FIELD
BITS
DESCRIPTION
Reserved
7:4
Reserved
APERS
3:0
Interrupt persistence. Controls rate of interrupt to the host processor.
FIELD VALUE
MEANING
INTERRUPT PERSISTENCE FUNCTION
0000
Every
Every ALS cycle generates an interrupt
0001
1
1 value outside of threshold range
0010
2
2 consecutive values out of range
0011
3
3 consecutive values out of range
0100
5
5 consecutive values out of range
0101
10
10 consecutive values out of range
0110
15
15 consecutive values out of range
0111
20
20 consecutive values out of range
1000
25
25 consecutive values out of range
1001
30
30 consecutive values out of range
1010
35
35 consecutive values out of range
1011
40
40 consecutive values out of range
1100
45
45 consecutive values out of range
1101
50
50 consecutive values out of range
1110
55
55 consecutive values out of range
1111
60
60 consecutive values out of range
Configuration Register (0x0D)
The configuration register sets the wait long time.
Table 8.
Configuration Register
6
75
4
2
31
0
CONFIG
Reserved
WLONG
Address
0x0D
Reserved
FIELD
BITS
DESCRIPTION
Reserved
7:2
Reserved. Write as 0.
WLONG
1
Wait Long. When asserted, the wait cycles are increased by a factor 12
× from that programmed in the
WTIME register.
Reserved
0
Reserved. Write as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com