Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL25713 Datasheet(PDF) 17 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL25713
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL25713 Datasheet(HTML) 17 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL25713 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL25713 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
TSL2571
LIGHT-TO-DIGITAL CONVERTER
TAOS117A − FEBRUARY 2011
17
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Control Register (0x0F)
The Control register provides eight bits of miscellaneous control to the analog block. These bits typically control
functions such as gain settings and/or diode selection.
Table 9.
Control Register
6
75
4
2
31
0
CONTROL
Reserved
Address
0x0F
AGAIN
FIELD
BITS
DESCRIPTION
Reserved
7:2
Reserved. Write bits as 0
AGAIN
1:0
ALS Gain Control.
FIELD VALUE
ALS GAIN VALUE
00
1
× gain
01
8
× gain
10
16
× gain
11
120
× gain
ID Register (0x12)
The ID Register provides the value for the part number. The ID register is a read-only register.
Table 10. ID Register
6
75
4
2
31
0
ID
ID
Address
0x12
FIELD
BITS
DESCRIPTION
ID
7:0
Part number identification
0x04 = TSL25711 & TSL25715
ID
7:0
Part number identification
0x0D = TSL25713 & TSL25717
Status Register (0x13)
The Status Register provides the internal status of the device. This register is read only.
Table 11. Status Register
6
75
4
AVALID
2
31
0
STATUS
Reserved
AINT
Address
0x13
Reserved
FIELD
BIT
DESCRIPTION
Reserved
7:5
Reserved. Write as 0.
AINT
4
ALS Interrupt. Indicates that the device is asserting an ALS interrupt.
Reserved
3:1
Reserved.
AVALID
0
ALS Valid. Indicates that the ALS CH0 / CH1 channels have completed an integration cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com