Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6901XIP Datasheet(PDF) 7 Page - Champion Microelectronic Corp.

Part # CM6901XIP
Description  SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6901XIP Datasheet(HTML) 7 Page - Champion Microelectronic Corp.

Back Button CM6901XIP Datasheet HTML 3Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 4Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 5Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 6Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 9Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 10Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 11Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CM6901
SLS (SRC/LLC+SR) Controller with 1 FM+2 PWMs
2012/05/09 Rev2.0
Champion Microelectronic Corporation
Page 7
ELECTRICAL CHARACTERISTICS
(VCC=12V, RT=40.2K±1%, CT=1470PF±1%, Freq. = 50 KHz, Duty Cycle=48% , Temp=-40 ~ 125 ℃, unless otherwise
specified.)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
RTCT Oscillator ; RT=40.2K±1%;CT=1470pF±1%, (pin 9)
Initial Accuracy
TA=25℃
45
50
55
Khz
Voltage Stability
11.5V < Vcc < 16.5V
1
%
Temperature Stability
2
%
Ramp Valley to Peak Voltage
2
V
CT Discharge Time
350
nS
Maximum Duty cycle
DEAO > 3.0V
48
%
Minimum Duty Cycle
DEAO < 1.2V
0
%
SR Ideal Diode ; Rset1=30.1K±1% ; Rset2=215K±1% (pin12)
Maximum Duty cycle
TA=25℃ , FEAO=2.2V
37.4
44
50.6
%
Middle Duty cycle
TA=25℃ , FEAO=1.57V
28.4
30.2
32
%
Minimum Duty cycle
TA=25℃ , FEAO=0V
26.37
29.3
32.23
%
Frequency at Minimum Duty
cycle
TA=25℃
22.14
24.6
27.06
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com