Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6901XIP Datasheet(PDF) 6 Page - Champion Microelectronic Corp.

Part # CM6901XIP
Description  SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6901XIP Datasheet(HTML) 6 Page - Champion Microelectronic Corp.

Back Button CM6901XIP Datasheet HTML 2Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 3Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 4Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 5Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 6Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 9Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 10Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CM6901
SLS (SRC/LLC+SR) Controller with 1 FM+2 PWMs
2012/05/09 Rev2.0
Champion Microelectronic Corporation
Page 6
ELECTRICAL CHARACTERISTICS
(VCC=12V, RT=40.2K±1%, CT=1470PF±1%, Freq. = 50 KHz, Duty Cycle=48% , Temp=-40 ~ 125℃, unless otherwise
specified.)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
CSS (pin 7)
Soft Start Current
Iss
TA=25℃
6.3
7.5
8.8
uA
Enable Voltage
Ven
TA=25℃
0.9
1.0
1.1
V
Enable Hysteresis
Vhys
TA=25℃
100
mV
Auto-restart Upper Threshold
Vup
4.85
5.0
5.15
V
Auto-restart Lower Threshold
Vlw
1-Vhyst
V
FEAO Resonant Error Amplifier (pin 3)
Input Voltage Range
6
V
Transconductance
Gm
VFB±50mV, TA=25℃
37
49.5
62
umho
VFB (Pin2)
TA=25℃
2.48
2.5
2.52
V
Feedback Reference Voltage
(note 2)
TA=125℃
2.49
2.51
2.53
V
TA=-40℃
2.47
2.49
2.51
V
Input Bias Current
-1
-0.5
uA
Output High Voltage
5.5+VBE
V
Output Low Voltage
0.1
0.4
V
Sink Current
VFB =250mV , TA=25℃
-21.5
-17.55
-13.6
uA
Source Current
VFB = -250mV ,
TA=25℃
12.4
16.7
21
uA
Open Loop Gain
60
dB
DEAO PWM Error Amplifier (pin 6)
Input Voltage Range
6
V
Reference Voltage
0.96
1.01
1.06
V
Transconductance
Gm
TA=25℃
95
125
155
umho
Input Bias Current
-1.0
-0.5
uA
Output Voltage High
3+VBE
V
Output Voltage Low
0.1
0.4
V
Sink Current
-5
uA
Source Current
7
uA
Open Loop Gain
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com