Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT5003 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UT5003
Description  DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT5003 Datasheet(HTML) 7 Page - Unisonic Technologies

  UT5003 Datasheet HTML 1Page - Unisonic Technologies UT5003 Datasheet HTML 2Page - Unisonic Technologies UT5003 Datasheet HTML 3Page - Unisonic Technologies UT5003 Datasheet HTML 4Page - Unisonic Technologies UT5003 Datasheet HTML 5Page - Unisonic Technologies UT5003 Datasheet HTML 6Page - Unisonic Technologies UT5003 Datasheet HTML 7Page - Unisonic Technologies UT5003 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UT5003
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-167.B
TYPICAL CHARACTERISTICS(Cont.)
ID=-5A
VGS=-10V
1.6
1.4
1.2
1.0
0.8
0.6
-50
-25
0
25
50
75 100 125 150
Junction TemperaturemTJ (℃)
On-Resistance Variation with
Temperature
ID=-5A
TA=125℃
25℃
0.2
0.15
0.1
0.05
0
2
46
8
10
Gate-to-Source Voltage,-VGS (V)
On-Resistance Variation with Gate-
to-Source Voltage
VDS=-10V
TA=-55℃
125℃
25℃
30
25
20
15
10
5
0
1.5
3.5
2.5
4.5
5.5
Gate-to-Source Voltage,-VGS (V)
Transfer Characteristics
Body Diode Forward Voltage Variation with
Source Current and Temperature
100
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Body Diode Forward Voltage,-VSD (V)
VGS=0V
TA=125℃
25℃
-55℃
-10V
-15V
VDS=-5V
ID=-5A
10
8
6
4
2
0
05
10
15
20
Gate Charge Characteristics
Gate Charge,QG (nC)
Capacitance Characteristics
Drain-to-Source Voltage,-VDS (V)
COSS
CRSS
CISS
0
200
400
600
800
1000
1200
05
10
15
20
f=1MHZ
VGS=V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com