Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT5003 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT5003
Description  DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT5003 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT5003 Datasheet HTML 1Page - Unisonic Technologies UT5003 Datasheet HTML 2Page - Unisonic Technologies UT5003 Datasheet HTML 3Page - Unisonic Technologies UT5003 Datasheet HTML 4Page - Unisonic Technologies UT5003 Datasheet HTML 5Page - Unisonic Technologies UT5003 Datasheet HTML 6Page - Unisonic Technologies UT5003 Datasheet HTML 7Page - Unisonic Technologies UT5003 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT5003
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-167.B
DUAL ENHANCEMENT MODE
(N-CHANNEL/P-CHANNEL)
DESCRIPTION
The UT5003 can provide excellent RDS (ON) and low gate
charge by using UTC’s advanced trench technology. This device
is suitable for use as a load switch or in PWM applications.
FEATURES
* N-Channel: 30V/7A
RDS(ON) = 27.5mΩ @ VGS =10V
RDS(ON) = 40mΩ @ VGS= 4.5V
* P-Channel: -30V/-5A
RDS(ON) = 45mΩ @ VGS= -10V
RDS(ON) = 80mΩ @ VGS= -4.5V
* Super high dense cell design
* Reliable and rugged
SYMBOL
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UT5003L-S08-R
UT5003G-S08-R
SOP-8
Tape Reel


Similar Part No. - UT5003

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT5003G-S08-R UTC-UT5003G-S08-R Datasheet
279Kb / 7P
DUAL ENHANCEMENT MODE
UT5003Z UTC-UT5003Z Datasheet
311Kb / 8P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UT5003ZG-S08-R UTC-UT5003ZG-S08-R Datasheet
311Kb / 8P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UT5003ZG-S08-R UTC-UT5003ZG-S08-R Datasheet
280Kb / 7P
DUAL ENHANCEMENT MODE
UT5003ZL-S08-R UTC-UT5003ZL-S08-R Datasheet
311Kb / 8P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
More results

Similar Description - UT5003

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD606 UTC-UD606 Datasheet
388Kb / 9P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4606 UTC-UD4606 Datasheet
310Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UD4614 UTC-UD4614 Datasheet
291Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT5003Z UTC-UT5003Z Datasheet
311Kb / 8P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTM4052 UTC-UTM4052 Datasheet
440Kb / 9P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4606Z UTC-UD4606Z Datasheet
163Kb / 6P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTT6NP10 UTC-UTT6NP10 Datasheet
259Kb / 7P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTT10NP06 UTC-UTT10NP06 Datasheet
245Kb / 7P
DUAL ENHANCEMENT MODE (N-CHANNEL/ P-CHANNEL)
logo
Stanson Technology
STC6602 STANSON-STC6602 Datasheet
873Kb / 8P
Dual N&P Channel Enhancement Mode MOSFET
logo
Microchip Technology
TC2320 MICROCHIP-TC2320 Datasheet
531Kb / 12P
N-Channel and P-Channel Enhancement-Mode Dual MOSFET
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com