Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1916 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1916
Description  OptoMOS짰 Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1916 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1916 Datasheet HTML 1Page - Clare, Inc. CPC1916 Datasheet HTML 2Page - Clare, Inc. CPC1916 Datasheet HTML 3Page - Clare, Inc. CPC1916 Datasheet HTML 4Page - Clare, Inc. CPC1916 Datasheet HTML 5Page - Clare, Inc. CPC1916 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-CPC1916-R05
1
CPC1916
Single-Pole, Normally Open
OptoMOS® Power SIP Relay
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC1916Y
4-Pin (8-Pin Body) Power SIP Package (25 per tube)
Parameter
Rating
Units
Blocking Voltage
100
V
P
Load Current
2.5
A
DC/A
rms
On-Resistance
0.34
Ω
Applications
Features
Description
Ordering Information
Pin Configuration
• Industrial Controls
• Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• IC Equipment
• Home Appliances
• Handle Load Currents Up to 2.5A
DC/Arms
• 2500V
rms Input/Output Isolation
• Power SIP Package
• High Reliability
• No Moving Parts
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Clare and IXYS have combined to bring OptoMOS®
technology, reliability, and compact size to a new
family of high-power, solid state relays. As part of
that family, the CPC1916 is a single-pole, normally
open (1-Form-A) solid state relay. The CPC1916
employs optically coupled MOSFET technology to
provide 2500V
rms of input to output isolation. The
efficient MOSFET switches and photovoltaic die
use Clare’s patented OptoMOS architecture, while
the output is controlled by a highly efficient GaAlAs
infrared LED. The combination of low on-resistance
and high load-current handling capabilities makes
the relay suitable for a variety of high-performance
switching applications.
Switching Characteristics
of Normally Open Devices
Approvals
• UL 508 Certified Component: File E69938
1
-
2
+
34
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - CPC1916

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1916 CLARE-CPC1916 Datasheet
102Kb / 5P
Power SIP Relay
logo
IXYS Corporation
CPC1916 IXYS-CPC1916 Datasheet
107Kb / 6P
Machine Insertable, Wave Solderable
logo
Clare, Inc.
CPC1916Y CLARE-CPC1916Y Datasheet
467Kb / 5P
Power SIP Relay
CPC1916Y CLARE-CPC1916Y Datasheet
102Kb / 5P
Power SIP Relay
logo
IXYS Corporation
CPC1916Y IXYS-CPC1916Y Datasheet
107Kb / 6P
Machine Insertable, Wave Solderable
More results

Similar Description - CPC1916

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1906Y CLARE-CPC1906Y Datasheet
502Kb / 5P
Power SIP Relay
CPC1906 CLARE-CPC1906 Datasheet
102Kb / 5P
Power SIP Relay
CPC1217 CLARE-CPC1217 Datasheet
109Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1218 CLARE-CPC1218 Datasheet
101Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1219 CLARE-CPC1219 Datasheet
112Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1706 CLARE-CPC1706 Datasheet
124Kb / 6P
4-Pin OptoMOS짰 DC Power SIP Relay
CPC1906 CLARE-CPC1906_10 Datasheet
117Kb / 6P
Power SIP OptoMOS짰 Relay
CPC1926 CLARE-CPC1926_10 Datasheet
117Kb / 6P
OptoMOS짰 Power SIP Relay
CPC1981 CLARE-CPC1981_11 Datasheet
110Kb / 6P
OptoMOS짰 Power SIP Relay
CPC1983 CLARE-CPC1983 Datasheet
114Kb / 6P
OptoMOS짰 Power SIP Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com