Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1916 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1916
Description  OptoMOS짰 Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1916 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1916 Datasheet HTML 1Page - Clare, Inc. CPC1916 Datasheet HTML 2Page - Clare, Inc. CPC1916 Datasheet HTML 3Page - Clare, Inc. CPC1916 Datasheet HTML 4Page - Clare, Inc. CPC1916 Datasheet HTML 5Page - Clare, Inc. CPC1916 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CPC1916
www.clare.com
3
R05
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
45
40
35
30
25
20
15
10
5
0
1.250
1.254
1.258
1.262
1.266
LED Forward Voltage (V)
Typical LED Forward Voltage Drop
(N=50, I
F=10mA, TA=25ºC)
3.5
4.5
5.5
3.0
4.0
5.0
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=10mA, IL=5mADC, TA=25ºC)
0.073
0.079
0.085
0.070
0.076
0.082
Turn-Off (ms)
25
20
15
10
5
0
0.088
Typical Turn-Off Time
(N=50, I
F=10mA, IL=5mADC, TA=25ºC)
35
30
25
20
15
10
5
0
0.212
0.216
0.220
0.228
0.224
0.232
On-Resistance (
Ω)
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=1.0ADC, TA=25ºC)
35
30
25
20
15
10
5
0
119.1 119.6 120.0 120.6 121.1 121.6
Blocking Voltage (V
P)
122.1
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=20mA
I
F=10mA
Typical Turn-On
vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
6.0
5.4
4.8
4.2
3.6
3.0
2.4
1.8
1.2
0.6
0
50
Typical Turn-Off
vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.11
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
50
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mADC)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Turn-On vs. Temperature
(I
L=100mADC)
-40
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
I
F=10mA
I
F=20mA
Temperature (ºC)
Typical Turn-Off vs. Temperature
(I
L=100mADC)
-40
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
-20
0
20
40
60
80
100
I
F=10mA
I
F=20mA
Temperature (ºC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com