Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBA1100-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBA1100-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA1100-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBA1100-HF Datasheet HTML 1Page - Comchip Technology CDBA1100-HF Datasheet HTML 2Page - Comchip Technology CDBA1100-HF Datasheet HTML 3Page - Comchip Technology CDBA1100-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-JB007
Comchip Technology CO., LTD.
Page 4
REV:A
SMD Schottky Barrier Rectifiers
A
B
C
E
D
XXXX
Case Type
Qty per Reel
(Pcs)
5000
Reel Size
(inch)
13
DO-214AC (SMA)
xxxx = Product type marking code
Part Number
120
Marking Code
CDBA140-HF
CDBA160-HF
CDBA180-HF
CDBA1100-HF
140
160
180
1100
CDBA120-HF
SIZE
(inch)
0.150
(mm)
3.80
1.60
2.80
0.063
0.110
5.40
0.213
E
2.20
0.087
B
C
D
A
DO-214AC(SMA)
Suggested PAD Layout
Standard Packaging
Marking Code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com