Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBA1100-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBA1100-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA1100-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBA1100-HF Datasheet HTML 1Page - Comchip Technology CDBA1100-HF Datasheet HTML 2Page - Comchip Technology CDBA1100-HF Datasheet HTML 3Page - Comchip Technology CDBA1100-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-JB007
RATING AND CHARACTERISTIC CURVES (CDBA120-HF thru CDBA1100-HF)
Percent of Rated Peak Reverse Voltage (%)
200
120
80
160
0
Fig.1 Reverse Characteristics
0.01
0.1
1
10
100
Forward Voltage (V)
0.1
Fig.2 Forward Characteristics
0.01
0.1
1
10
100
0.9
Reverse Voltage (V)
0.01
Fig.3 Junction Capacitance
0
50
150
300
350
1
10
100
O
Ambient Temperature (
C)
Fig.4 Current Derating Curve
0
0.6
0.8
1.4
Comchip Technology CO., LTD.
Page 2
REV:A
1.3
2.1
100
200
250
0
100
175
0.2
1.2
40
0.5
1.7
0.4
SMD Schottky Barrier Rectifiers
O
TJ=75 C
O
TJ=25 C
CDBA120-HF~140-HF
CDBA160-HF
CDBA180-HF~1100-HF
O
TJ=25 C
Pulse width 300μS
4% duty cycle
0.1
O
TJ=25 C
f=1MHz and applied
4VDC reverse voltage
Number of Cycles at 60Hz
Fig.5 Non-repetitive Forward Surge Current
0
30
40
60
1
10
100
10
50
20
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
25
50
75
150
125
1.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com