Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4066DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC4066DB
Description  Quad bilateral swiches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4066DB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC4066DB Datasheet HTML 5Page - NXP Semiconductors 74HC4066DB Datasheet HTML 6Page - NXP Semiconductors 74HC4066DB Datasheet HTML 7Page - NXP Semiconductors 74HC4066DB Datasheet HTML 8Page - NXP Semiconductors 74HC4066DB Datasheet HTML 9Page - NXP Semiconductors 74HC4066DB Datasheet HTML 10Page - NXP Semiconductors 74HC4066DB Datasheet HTML 11Page - NXP Semiconductors 74HC4066DB Datasheet HTML 12Page - NXP Semiconductors 74HC4066DB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
2004 Nov 11
9
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
Family 74HCT4066
Voltages are referenced to GND (ground = 0 V); Vis is the input voltage at pins nY or nZ, whichever is assigned as an
input; Vos is the output voltage at pins nY or nZ, whichever is assigned as an output.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 °C to +85 °C; note 1
VIH
HIGH-level input
voltage
4.5 to 5.5 2.0
1.6
−
V
VIL
LOW-level input voltage
4.5 to 5.5
−
1.2
0.8
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±1.0
µA
IS(OFF)
analog switch current
OFF-state
per channel; VI =VIH or VIL;
VS =VCC − GND; see Fig.7
5.5
−−±1.0
µA
IS(ON)
analog switch current
ON-state
VI =VIH or VIL; VS =VCC − GND; see
Fig.8
5.5
−−±1.0
µA
ICC
quiescent supply
current
VI =VCC or GND; Vis = GND or VCC;
Vos =VCC or GND
4.5 to 5.5
−−
20.0
µA
∆ICC
additional quiescent
supply current per input
VI =VCC − 2.1 V; other inputs at VCC
or GND
4.5 to 5.5
−
100
450
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
4.5 to 5.5 2.0
−−
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±1.0
µA
IS(OFF)
analog switch current
OFF-state
per channel; VI =VIH or VIL;
VS =VCC − GND; see Fig.7
10.0
−−±1.0
µA
IS(ON)
analog switch current
ON-state
VI =VIH or VIL; VS =VCC − GND; see
Fig.8
10.0
−−±1.0
µA
ICC
quiescent supply
current
VI =VCC or GND; Vis = GND or VCC;
Vos =VCC or GND
4.5 to 5.5
−−
40.0
µA
∆ICC
additional quiescent
supply current per input
VI =VCC − 2.1 V; other inputs at VCC
or GND
4.5 to 5.5
−−
490
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com