Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4066DB Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC4066DB
Description  Quad bilateral swiches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4066DB Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC4066DB Datasheet HTML 9Page - NXP Semiconductors 74HC4066DB Datasheet HTML 10Page - NXP Semiconductors 74HC4066DB Datasheet HTML 11Page - NXP Semiconductors 74HC4066DB Datasheet HTML 12Page - NXP Semiconductors 74HC4066DB Datasheet HTML 13Page - NXP Semiconductors 74HC4066DB Datasheet HTML 14Page - NXP Semiconductors 74HC4066DB Datasheet HTML 15Page - NXP Semiconductors 74HC4066DB Datasheet HTML 16Page - NXP Semiconductors 74HC4066DB Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
2004 Nov 11
13
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
AC CHARACTERISTICS
Type 74HC4066
GND = 0 V; tr =tf = 6 ns; CL = 50 pF; Vis is the input voltage at pins nY or nZ, whichever is assigned as an input; Vos is
the output voltage at pins nY or nZ, whichever is assigned as an output.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. MAX. UNIT
OTHER
VCC (V)
Tamb = −40 °C to +85 °C; note 1
tPHL/tPLH
propagation delay
Vis to Vos
RL = ∞; see Fig.19
2.0
−
875
ns
4.5
−
315
ns
6.0
−
213
ns
9.0
−
210
ns
tPZH/tPZL
turn-on time nE to Vos
RL =1kΩ; see Figs 20 and 21
2.0
−
36
125
ns
4.5
−
13
25
ns
6.0
−
10
21
ns
9.0
−
816
ns
tPHZ/tPLZ
turn-off time nE to Vos
RL =1kΩ; see Figs 20 and 21
2.0
−
44
190
ns
4.5
−
16
38
ns
6.0
−
13
33
ns
9.0
−
16
26
ns
Tamb = −40 °C to +125 °C
tPHL/tPLH
propagation delay
Vis to Vos
RL = ∞; see Fig.19
2.0
−−
90
ns
4.5
−−
18
ns
6.0
−−
15
ns
9.0
−−
12
ns
tPZH/tPZL
turn-on time nE to Vos
RL =1kΩ; see Figs 20 and 21
2.0
−−
150
ns
4.5
−−
30
ns
6.0
−−
26
ns
9.0
−−
20
ns
tPHZ/tPLZ
turn-off time nE to Vos
RL =1kΩ; see Figs 20 and 21
2.0
−−
225
ns
4.5
−−
45
ns
6.0
−−
38
ns
9.0
−−
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com