Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHC1G00G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC1G00G-AF5-R
Description  2-INPUT NAND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G00G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC1G00G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G00G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G00G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G00G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G00G-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC1G00
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-069.C
2-INPUT NAND GATE
DESCRIPTION
The U74AHC1G00 is a 2-input NAND gate which provides the
Function
Y=A*B .
FEATURES
* Operation Voltage Range: 2~5.5V
* Low Power Dissipation:
ICC=1.0μA(Max)
* High Speed:
tPD=4.3ns(Typ)
SOT-25
4
5
3
2
1
SOT-353
4
5
3
2
1
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHC1G00L-AF5-R
U74AHC1G00G-AF5-R
SOT-25
Tape Reel
U74AHC1G00L-AL5-R
U74AHC1G00G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74AHC1G00G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G00G-AF5-R UTC-U74AHC1G00G-AF5-R Datasheet
154Kb / 5P
2-INPUT NAND GATE
More results

Similar Description - U74AHC1G00G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
2-INPUT NAND GATE
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
2 INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
2-input NAND Gate
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
2-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
2-input NAND gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com