Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0109MN2AL2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # Z0109MN2AL2
Description  Standard 1A Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109MN2AL2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button Z0109MN2AL2 Datasheet HTML 2Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 3Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 4Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 5Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 6Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 7Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 8Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 9Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Ordering information scheme
Z01
6/12
Doc ID 7474 Rev 10
2
Ordering information scheme
Figure 14.
Ordering information scheme
Z 01 03 M A [BLANK] 1AA2
Triac series
Current
Sensitivity
Voltage
Package
Packing mode
01 = 1 A
03 = 3 mA
07 = 5 mA
09 = 10 mA
10 = 25 mA
M = 600 V
N = 800 V
A = TO-92
N = SOT-223
UF = SMBF3L
1AA2 = TO-92 bulk
2AL2 = TO-92 ammopack
5AL2 = TO-92 tape and reel
5AA4 = SOT-223 tape and reel
Blank = SMBflat-3L tape and reel 13”
7”
6AA4 = SOT-223 tape and reel 13”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com