Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0109MN2AL2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # Z0109MN2AL2
Description  Standard 1A Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109MN2AL2 Datasheet(HTML) 2 Page - STMicroelectronics

  Z0109MN2AL2 Datasheet HTML 1Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 2Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 3Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 4Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 5Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 6Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 7Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 8Page - STMicroelectronics Z0109MN2AL2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
Z01
2/12
Doc ID 7474 Rev 10
1
Characteristics
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current
(full sine wave)
SOT-223
Ttab = 90 °C
1A
TO-92
TL = 50 °C
SMBflat-3L
Ttab = 107 °C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25 °C)
F = 50 Hz
t = 20 ms
8
A
F = 60 Hz
t = 16.7 ms
8.5
I²tI²t Value for fusing
tp = 10 ms
0.35
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125 °C
20
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
1
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
Table 2.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Z01
Unit
03
07
09
10
IGT
(1)
1.
Minimum IGT is guaranteed at 5% of IGT max.
VD = 12 V,
RL = 30 Ω
I - II - III
MAX.
3
5
10
25
mA
IV
5
7
10
25
VGT
ALL
MAX.
1.3
V
VGD
VD = VDRM,
RL = 3.3 kΩ,
Tj = 125 °C
ALL
MIN.
0.2
V
IH (2)
IT = 50 mA
MAX.
7
10
10
25
mA
IL
IG = 1.2 IGT
I - III - IV
MAX.
710
15
25
mA
II
15
20
25
50
dV/dt (2)
VD = 67% VDRM gate open
Tj = 110 °C
MIN.
10
20
50
100
V/µs
(dV/dt)c
(2)
2.
For both polarities of A2 referenced to A1.
(dI/dt)c = 0.44 A/ms,
Tj = 110 °C
MIN.
0.5
1
2
5
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com