Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31-316-RFX Datasheet(PDF) 12 Page - Amphenol Corporation

Part # 31-316-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-316-RFX Datasheet(HTML) 12 Page - Amphenol Corporation

Back Button 31-316-RFX Datasheet HTML 8Page - Amphenol Corporation 31-316-RFX Datasheet HTML 9Page - Amphenol Corporation 31-316-RFX Datasheet HTML 10Page - Amphenol Corporation 31-316-RFX Datasheet HTML 11Page - Amphenol Corporation 31-316-RFX Datasheet HTML 12Page - Amphenol Corporation 31-316-RFX Datasheet HTML 13Page - Amphenol Corporation 31-316-RFX Datasheet HTML 14Page - Amphenol Corporation 31-316-RFX Datasheet HTML 15Page - Amphenol Corporation 31-316-RFX Datasheet HTML 16Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
BNC 50 ohm
Amphenol
®
PCB Receptacles
116
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
v distributor stocked ✩ Jam nuts and lockwashers sold separately.
Vertical 50 ohm BNC Printed Circuit Board Bulkhead Receptacles ✩
Low Profile 50 ohm BNC Printed Circuit Board Bulkhead Receptacles ✩
Fig. 2
Isolated from Panel
White Valox Housing
31-5486v (Round Pins)
31-5486-1010 (Fork Pins)
31-5486-10RFX
Isolated from Panel
Black Valox Housing
31-5540 (Round Pins)
31-5540-1010 (Fork Pins)
31-5540-10RFX
Metal Housing
31-5637 (Round Pins)
Isolated from Panel
White Valox Housing
31-5493v (Round Pins)
31-5493-1010 (Fork Pins)
Isolated from Panel
Black Valox Housing
31-5539 (Round Pins)
31-5539-1010v (Fork Pins)
31-5539-10RFX
Metal Housing
31-5633 (Round Pins)
31-5633-1010 (Fork Pins)
Fig. 3
Fig. 1
P
Isolated from Panel
White Valox Housing
31-5431v (Round Pins)
31-5431-1010 (Fork Pins)
31-5431-10RFX
Isolated from Panel
Black Valox Housing
31-5538 (Round Pins)
31-5538-1010 (Fork Pins)
31-5538-10RFX
Metal Housing
31-5640v (Round Pins)
31-5640-1010 (Fork Pins)
Standard Height 50 ohm BNC Printed Circuit Board Right Angle Bulkhead Receptacles ✩
P
P
.468(11.9)
.468(11.9)
.468(11.9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com