Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31-316-RFX Datasheet(PDF) 16 Page - Amphenol Corporation

Part # 31-316-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-316-RFX Datasheet(HTML) 16 Page - Amphenol Corporation

Back Button 31-316-RFX Datasheet HTML 12Page - Amphenol Corporation 31-316-RFX Datasheet HTML 13Page - Amphenol Corporation 31-316-RFX Datasheet HTML 14Page - Amphenol Corporation 31-316-RFX Datasheet HTML 15Page - Amphenol Corporation 31-316-RFX Datasheet HTML 16Page - Amphenol Corporation 31-316-RFX Datasheet HTML 17Page - Amphenol Corporation 31-316-RFX Datasheet HTML 18Page - Amphenol Corporation 31-316-RFX Datasheet HTML 19Page - Amphenol Corporation 31-316-RFX Datasheet HTML 20Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
BNC 50 ohm
Amphenol
®
Tee Adapters
120
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Description
Dimensions, inches (millimeters)
Notes
Military
Amphenol
Fig.
a
b
c
Plt.
Ins.
Number
Number
Tee
Jack-Plug-Jack
1.28(32.5)
.562(14.3)
1.06(27.0)
P1
D1
UG-274A/U
31-208*
1
Tee
Jack-Plug-Jack
1.30(33.0)
.571(14.5)
1.04(26.3)
P7
D23
—
31-208-RFX
1
Tee
Jack-Plug-Jack
1.28(32.5)
.562(14.3)
1.06(27.0)
P15
D1
—
31-208-1051
1
Tee
Jack-Plug-Jack
1.28(32.5)
.562(14.3)
1.06(27.0)
P4
D1
UG-274B/U
31-2208*
1
Tee, Overmolded
Jack-Plug-Jack
1.72(43.6)
1.32(33.5)
.550(14.0)
P7
D14
—
31-5693
2
Tee
Plug-Jack-Jack
1.53(38.9)
.375(9.52)
1.00(25.4)
P1
D9
—
21900*
3
BNC Tee Adapter
Plug-Jack-Jack
21900
BNC Overmolded Tee Adapter
Jack-Plug-Jack
31-5693
Fig. 2
Fig. 3
Fig. 1
Tee Adapters - Jack-Plug-Jack
31-208
31-208-RFX
31-208-1051
31-2208
BNC TEE ADAPTERS
v
v
v
b
c
a
a
b
c
a
c
b
* recognized under the component program of U.L, Inc.
v distributor stocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com