Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR435 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR435
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR435 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR435 Datasheet HTML 5Page - Analog Devices ADR435 Datasheet HTML 6Page - Analog Devices ADR435 Datasheet HTML 7Page - Analog Devices ADR435 Datasheet HTML 8Page - Analog Devices ADR435 Datasheet HTML 9Page - Analog Devices ADR435 Datasheet HTML 10Page - Analog Devices ADR435 Datasheet HTML 11Page - Analog Devices ADR435 Datasheet HTML 12Page - Analog Devices ADR435 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Data Sheet
AD5737
Rev. B | Page 9 of 44
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
100 mA do not cause SCR latch-up.
Table 4.
Parameter
Rating
AVDD, VBOOST_x to AGND, DGND
−0.3 V to +33 V
AVCC to AGND
−0.3 V to +7 V
DVDD to DGND
−0.3 V to +7 V
Digital Inputs to DGND
−0.3 V to DVDD + 0.3 V or +7 V
(whichever is less)
Digital Outputs to DGND
−0.3 V to DVDD + 0.3 V or +7 V
(whichever is less)
REFIN, REFOUT to AGND
−0.3 V to AVDD + 0.3 V or +7 V
(whichever is less)
IOUT_x to AGND
AGND to VBOOST_x or 33 V if
using the dc-to-dc converter
SWx to AGND
−0.3 V to +33 V
AGND, GNDSWx to DGND
−0.3 V to +0.3 V
Operating Temperature Range (TA)
Industrial1
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
125°C
Power Dissipation
(TJ max − TA)/θJA
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
1
Power dissipated on chip must be derated to keep the junction temperature
below 125°C.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Junction-to-air thermal resistance (θJA) is specified for a JEDEC
4-layer test board.
Table 5. Thermal Resistance
Package Type
θJA
Unit
64-Lead LFCSP (CP-64-3)
20
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com